Electronic Components Datasheet Search
  English  ▼

X  

DG9053 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9053
Description  Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9053 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9053 Datasheet HTML 1Page - Vishay Siliconix DG9053 Datasheet HTML 2Page - Vishay Siliconix DG9053 Datasheet HTML 3Page - Vishay Siliconix DG9053 Datasheet HTML 4Page - Vishay Siliconix DG9053 Datasheet HTML 5Page - Vishay Siliconix DG9053 Datasheet HTML 6Page - Vishay Siliconix DG9053 Datasheet HTML 7Page - Vishay Siliconix DG9053 Datasheet HTML 8Page - Vishay Siliconix DG9053 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 73410
S-52072-Rev. A, 10-Oct-05
www.vishay.com
3
Vishay Siliconix
DG9051/9052/9053
New Product
SPECIFICATIONS (SINGLE SUPPLY 12 V)
Parameter
Symbol
Test Condition
Otherwise Unless Specified
V+ = 12 V, ±10 %, V– = 0 V
VA, VEN = 0.8 V or 2.4 V
f
Tempb
Limits
–40 to 85°C
Unit
Minc
Typd
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
V
On-Resistance
rON
VD = 3.5 V, IS = 1 mA
Sequence Each Switch On
Room
Full
30
40
50
Ω
rON Match Between Channels
g
∆r
ON
VD = 3.5 V, IS = 1 mA
Room
5
Switch Off Leakage Current
IS(off)
VEN = 2.4 V, VD = 11 V or 1 V, VS = 1 V or 11 V
Room
Full
–1
–20
1
20
nA
ID(off)
Room
Full
–1
–20
1
20
Channel On Leakage Current
ID(on)
VEN = 0 V, VS = VD = 1 V or 11 V
Room
Full
–2
–10
2
10
Digital Control
Logic High Input Voltage
VINH
Full
2.4
V
Logic Low Input Voltage
VINL
Full
0.8
Input Current
IIN
VAX = VEN = 2.4 V or 0.8 V
Full
–1
1
µA
Dynamic Characteristics
Transition Time
tTRANS
VNO/VNC = 8 V/0 V, 0 V/8 V
RL = 300 Ω, CL = 35 pF
Room
Full
26
35
55
ns
Break-Before-Make Time
tBBM
VX,Y, Z = 5 V, VS = 0 V,
RL = 306 Ω, CL = 35 pF
Room
Full
310
Enable Turn-On Time
tON(EN)
Room
Full
20
35
45
Enable Turn-Off Time
tOFF(EN)
Room
Full
16
30
40
Charge Injectione
Q
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
38
pC
Off-Isolatione,h
OIRR
f = 1 MHz, RL = 50 Ω
Room
–78
dB
Crosstalke
XTALK
Room
–83
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 2.4 V
Room
4
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
Room
8
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
15
Power Supply
Power Supply Current
I+
VEN = VA = 0 V or V+
Room
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com