Electronic Components Datasheet Search
  English  ▼

X  

QBA-24 Datasheet(PDF) 2 Page - Mini-Circuits

Part # QBA-24
Description  POWER SPLITTERS/COMBINERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QBA-24 Datasheet(HTML) 2 Page - Mini-Circuits

  QBA-24 Datasheet HTML 1Page - Mini-Circuits QBA-24 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
127
ISOLATION
dB
F
F
F
F
FINSERTION LOSS, dB
Avg. of Coupled
Outputs less 3 dB
PHASE
UNBALANCE
Degrees
f
L-fU
AMPLITUDE
UNBALANCE
dB
FREQ.
RANGE
MHz
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(10-49)
PRICE
$
Note B
Typ.
Min.
Max.
Max.
MODEL
NO.
u
u
u
u
u
features
l
low insertion loss, 0.25 dB typ. (QBA-12N)
l
high power capability (50 watts for QBA-12N)
l
high isolation, 28 dB typ. (QBA-12N)
l
ceramic body, good for heat dissipation
l
solder plated leads for excellent solderability
l
QBA-07, hermetically sealed
applications
l
cellular
l
instrumentation
l
PCN
pin connections
see case style outline drawings
PORT
lf
SUM PORT
1
PORT 1
10(0°)
PORT 2
6(-90°)
GND EXT.
2,3,4,7,8,9
50 OHM TERM.
5
NOT USED
—
DEMO BOARD
TB-115
NOTES:
u
QBA models, aqueous washable.
*
BLUE CELL™ power splitters protected by U.S. Patents 5534830 & 5640699
A.
Environmental specifications and re-flow soldering information available in
General Information Section.
B.
Units are non-hermetic unless otherwise noted. For details on case dimensions & finishes
see “Case Styles & Outline Drawings”.
C.
Prices and Specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a. Matched power rating, as splitters
QBA-07, 21W max. (340-680 MHz) below 25°C. Derate linearly to 9W at 100°C.
27W max. (340-530 MHz) below 25°C. Derate linearly to 12W at 100°C.
QBA-12N/-12, 50W max. below 25°C. Derate linearly to 10W at 85°C.
QBA-20/-20W, 25W max. below 25°C. Derate linearly to 5W at 85°C.
QBA-24/-24W, 20W max. below 25°C. Derate linearly to 4W at 85°C.
QBA-07
340-680
22
16
0.8
0.8
0.1
7.0
2.0
SM1L
lf
004
6.95
340-530
23
18
0.5
0.5
0.1
4.0
2.0
QBA-12N*
800-900
28
20
0.25
0.30
.02
3.0
1.0
SM33
lf
004
6.95
QBA-12*
800-1200
23
14
0.25
0.44
.02
6.0
1.2
SM33
lf
004
6.95
QBA-20*
1800-2000
23
18
0.47
0.54
.02
4.0
0.7
SM33
lf
004
6.95
QBA-20W*
1500-2200
23
16
0.41
0.58
.02
5.0
1.2
SM33
lf
004
6.95
QBA-24*
1900-2400
21
17
0.54
0.71
.02
6.0
0.8
SM33
lf
004
6.95
QBA-24W*
1700-2400
21
15
0.49
0.71
.02
6.0
1.2
SM33
lf
004
6.95
F Includes test fixture losses.
σσσσσ
_
x
fL
_
x
fU
340 MHz to 2400 MHz
QBA (SM33)
Surface Mount
QBA (SM1L)
PCB
Lay-
out
PL-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com