Electronic Components Datasheet Search
  English  ▼

X  

QBA-24 Datasheet(PDF) 1 Page - Mini-Circuits

Part # QBA-24
Description  POWER SPLITTERS/COMBINERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QBA-24 Datasheet(HTML) 1 Page - Mini-Circuits

  QBA-24 Datasheet HTML 1Page - Mini-Circuits QBA-24 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
126
HPQ
NEW HPQ-04
315-395
24
18
0.20
0.45
0.7
3.0
1.0
1.6
1.17
1.15
AT577
km
6.95
332-367
24
19
0.17
0.40
0.5
3.0
0.5
1.0
1.17
1.15
HPQ-05
410 - 455
25
20
0.17
0.35
0.5
3.0
0.5
1.0
1.12
1.12
AT577
km
6.95
HPQ-05W
380 - 490
25
20
0.20
0.40
0.6
3.0
1.1
1.6
1.12
1.12
AT577
km
6.95
HPQ-06
510 - 570
26
18
0.20
0.40
0.6
3.0
0.5
1.2
1.10
1.12
AT577
km
6.95
HPQ-06W
480 - 600
26
18
0.20
0.40
0.6
3.0
0.9
1.6
1.10
1.12
AT577
km
6.95
HPQ-07
580 - 690
24
18
0.20
0.40
0.5
3.0
0.8
1.6
1.17
1.17
AT577
km
6.95
HPQ-08
680 - 790
24
18
0.25
0.40
0.8
3.0
0.6
1.6
1.10
1.20
AT577
km
6.95
HPQ-09
730 - 800
25
20
0.20
0.40
0.6
3.0
0.6
1.2
1.14
1.14
AT577
km
6.95
HPQ-09W
690 - 830
24
20
0.20
0.40
0.7
3.0
1.1
1.6
1.14
1.14
AT577
km
6.95
HPQ-10
900 - 970
22
17
0.25
0.45
0.7
4.0
0.5
1.2
1.17
1.17
AT577
km
6.95
HPQ-10W
880 - 1030
22
16
0.28
0.50
1.0
4.0
0.85 1.6
1.17
1.17
AT577
km
6.95
HPQ-11
980 - 1070
23
18
0.25
0.50
0.5
3.5
0.4
1.2
1.17
1.17
AT577
km
6.95
HPQ-12
990 - 1100
21
16
0.25
0.45
0.8
4.0
0.5
1.2
1.20
1.20
AT577
km
6.95
HPQ-12W
940 - 1130
21
16
0.30
0.50
1.0
4.0
0.8
1.6
1.20
1.20
AT577
km
6.95
HPQ-15
1320 - 1430
19
15
0.30
0.50
1.8
5.0
0.35 1.2
1.22
1.22
AT577
km
6.95
HPQ-15W
1240 - 1460
19
15
0.30
0.60
1.8
5.0
0.8
1.6
1.22
1.22
AT577
km
6.95
features
l
excellent amplitude and phase unbalance
l
good insertion loss
l
good isolation
l
excellent input and output VSWR
l
excellent unit-to-unit repeatability
l
small size
applications
l
image rejection mixer
l
wideband amplifier matching
l
I&Q modulator
pin connections
see case style outline drawings
PORT
km
SUM PORT
3
PORT 1
6
PORT 2
4
GND EXT.
2,5
50 OHM TERM.
1
DEMO BOARD
TB-43
NOTES:
u
HPQ models, aqueous washable.
A.
Environmental specifications and re-flow soldering
information available in General Information Section.
B.
Units are non-hermetic unless otherwise noted. For details
on case dimensions & finishes see “Case Styles & Outline
Drawings”.
C.
Prices and Specifications subject to change without
notice.
1.
Absolute maximum power, voltage and current ratings:
1a. Matched power rating ............ 1Watt
ISOLATION
dB
INSERTION LOSS, dB
Avg. of Coupled
Outputs less 3 dB
PHASE
UNBALANCE
Degrees
f
L-fU
AMPLITUDE
UNBALANCE
dB
FREQ.
RANGE
MHz
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(10-49)
PRICE
$
Note B
VSWR
(:1)
S
Typ.
OUT
Typ.
Typ.
Min.
Typ.
Max.
Typ.
Max.
Typ.
Max.
MODEL
NO.
u
u
u
u
u
50
Ω
POWER SPLITTERS/COMBINERS
2 WAY-90° 315 MHz to 1460 MHz
see suggested PCB layout (PL-114) for HPQ models


Similar Part No. - QBA-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBAD54AG1 ETC2-QBAD54AG1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAD54AG1 ETC1-QBAD54AG1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAD54Y1 ETC2-QBAD54Y1 Datasheet
505Kb / 10P
Alphanumeric Display
More results

Similar Description - QBA-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
SBTCJ-1W MINI-SBTCJ-1W Datasheet
90Kb / 2P
POWER SPLITTERS/COMBINERS
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
Power Splitters & Combiners
REV. OR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com