Electronic Components Datasheet Search
  English  ▼

X  

LTC3490 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3490
Description  Single Cell 350mA LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490 Datasheet(HTML) 3 Page - Linear Technology

  LTC3490 Datasheet HTML 1Page - Linear Technology LTC3490 Datasheet HTML 2Page - Linear Technology LTC3490 Datasheet HTML 3Page - Linear Technology LTC3490 Datasheet HTML 4Page - Linear Technology LTC3490 Datasheet HTML 5Page - Linear Technology LTC3490 Datasheet HTML 6Page - Linear Technology LTC3490 Datasheet HTML 7Page - Linear Technology LTC3490 Datasheet HTML 8Page - Linear Technology LTC3490 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC3490
3490fa
IL(PMOS)
Leakage Current, PMOS Switch
0.1
µA
RON(PMOS)
On-Resistance, PMOS Switch
0.13
Ω
VIH
Input High (CELLS)
VIN – 0.4
V
Input High (SHDN)
VIN • 0.9
V
VIL
Input Low (CELLS)
0.4
V
Input Low (SHDN)
VIN • 0.2
V
IIN
Input Current (CTRL/SHDN, CELLS)
0.01
µA
KCTRL
Control Gain, ILED/VCTRL
Scales Linearity with VIN, VIN = 1V
500
mA/V
RON(LOBAT)
On-Resistance, LOBAT Output
VIN < VIN(LOBAT)
●
300
Ω
VIN(LOBAT1)
Input Voltage, Low Battery, 1 Cell
VCELLS = 0V
●
0.8
1.12
V
VIN(LOBAT2)
Input Voltage, Low Battery, 2 Cells
VCELLS = VIN
●
1.8
2.24
V
VIN(UVLO2)
Input Voltage, Undervoltage Lockout, VCELLS = VIN
●
1.4
1.8
V
2 Cells
VIN(UVLO1)
Input Voltage, Undervoltage Lockout, VCELLS = 0 V
●
0.7
0.9
V
1 Cell
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 2.5V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3490 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: The LTC3490 input voltage may drop below the minimum start-up
voltage once the LED voltage has risen above 2.3V.
Note 4: This device includes overtemperature protection intended to
protect the device during momentary overload conditions. The maximum
junction temperature may be exceeded when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 5: The Exposed Pad of the DFN package must be soldered to a
PCB pad for optimum thermal conductivity. This pad must be connected
to ground.
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency
vs Temperature
ILED vs VCTRL
VCTRL/VIN (V)
0
150
200
250
0.6
1
3490 G02
100
50
0
0.2
0.4
0.8
300
350
400
MAXIMUM
MINIMUM
ILED vs VIN
VIN (V)
325
350
375
2.5
3490 G03
300
275
250
1
1.5
2
3
VLED = 3.5V
TEMPERATURE (
°C)
–50
1.280
1.320
3490 G01
1.240
1.200
0
50
100
1.400
1.360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com