Electronic Components Datasheet Search
  English  ▼

X  

LTC3490 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3490
Description  Single Cell 350mA LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3490 Datasheet(HTML) 5 Page - Linear Technology

  LTC3490 Datasheet HTML 1Page - Linear Technology LTC3490 Datasheet HTML 2Page - Linear Technology LTC3490 Datasheet HTML 3Page - Linear Technology LTC3490 Datasheet HTML 4Page - Linear Technology LTC3490 Datasheet HTML 5Page - Linear Technology LTC3490 Datasheet HTML 6Page - Linear Technology LTC3490 Datasheet HTML 7Page - Linear Technology LTC3490 Datasheet HTML 8Page - Linear Technology LTC3490 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC3490
3490fa
FU CTIO AL DIAGRA
2
3
6
SW
CAP
GATE
CONTROL
AND
DRIVERS
BATTERY
MONITOR
PWM
LOGIC
LIMIT
VIN
8
CTRL/
SHDN
START-UP
OSCILLATOR
IREF
SENSE
AMP
OVERVOLTAGE
DETECT
DIMMING
AMP
19.2
Ω
0.1
Ω
250k
40k
VREF/2
–
+
P BODY
CONTROL
5
LED
LOBAT
3490 FD
1
CELLS
GND
SHUTDOWN
7
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com