Electronic Components Datasheet Search
  English  ▼

X  

BSS89 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSS89
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS89 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSS89 Datasheet HTML 1Page - NXP Semiconductors BSS89 Datasheet HTML 2Page - NXP Semiconductors BSS89 Datasheet HTML 3Page - NXP Semiconductors BSS89 Datasheet HTML 4Page - NXP Semiconductors BSS89 Datasheet HTML 5Page - NXP Semiconductors BSS89 Datasheet HTML 6Page - NXP Semiconductors BSS89 Datasheet HTML 7Page - NXP Semiconductors BSS89 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Apr 24
2
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSS89
FEATURES
• Direct interface to C-MOS, TTL, etc.
• High-speed switching
• No secondary breakdown.
APPLICATIONS
• Line current interruptor in telephone sets
• Relay, high-speed and line transformer drivers.
DESCRIPTION
N-channel enhancement mode vertical D-MOS transistor
in a TO-92 variant package.
PINNING - TO-92 variant
PIN
SYMBOL
DESCRIPTION
1
g
gate
2
d
drain
3
s
source
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
2
MAM146
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−
200
V
VGSO
gate-source voltage (DC)
open drain
−−±20
V
ID
drain current (DC)
−−
300
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
1W
RDSon
drain-source on-state resistance
ID = 400 mA; VGS =10V
−
4.5
6
Ω
yfs
forward transfer admittance
ID = 400 mA; VDS = 25 V
140
350
−
mS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com