Electronic Components Datasheet Search
  English  ▼

X  

BSS89 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSS89
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS89 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSS89 Datasheet HTML 1Page - NXP Semiconductors BSS89 Datasheet HTML 2Page - NXP Semiconductors BSS89 Datasheet HTML 3Page - NXP Semiconductors BSS89 Datasheet HTML 4Page - NXP Semiconductors BSS89 Datasheet HTML 5Page - NXP Semiconductors BSS89 Datasheet HTML 6Page - NXP Semiconductors BSS89 Datasheet HTML 7Page - NXP Semiconductors BSS89 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Apr 24
3
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSS89
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the Limiting values and Thermal characteristics
1. Device mounted on a printed-circuit board, maximum lead length 4 mm; mounting pad for drain lead
minimum 10
× 10 mm.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
200
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
−
300
mA
IDM
peak drain current
−
1.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage VGS = 0; ID = 250 µA
200
−−
V
VGSth
gate-source threshold voltage
VDS =VGS; ID = 1 mA
0.8
−
2.8
V
IDSS
drain-source leakage current
VDS = 60 V; VGS =0
−−
200
nA
VDS = 200 V; VGS =0
−
0.1
60
µA
IGSS
gate leakage current
VDS = 0; VGS = ±20 V
−−±100
nA
RDSon
drain-source on-state resistance VGS =10V; ID = 400 mA
−
4.5
6
Ω
y
fs
forward transfer admittance
ID = 400 mA; VDS = 25 V
140
350
−
mS
Ciss
input capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
−
45
−
pF
Coss
output capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
−
15
−
pF
Crss
reverse transfer capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
−
3.5
−
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
VGS =0to10V; VDD =50V;
ID = 250 mA
−
5
−
ns
toff
turn-off time
VGS =10to0V; VDD =50V;
ID = 250 mA
−
15
−
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com