Electronic Components Datasheet Search
  English  ▼

X  

74HC273 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC273
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC273 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
Qn output; see Fig. 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
15
-
19
ns
CP input HIGH or LOW;
see Fig. 7
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
MR input LOW; see Fig. 8
VCC = 2.0 V
60
17
-
75
-
90
-
ns
VCC = 4.5 V
12
6
-
15
-
18
-
ns
tW
pulse width
VCC = 6.0 V
10
5
-
13
-
15
-
ns
MR to CP; see Fig. 8
VCC = 2.0 V
50
-6
-
65
-
75
-
ns
VCC = 4.5 V
10
-2
-
13
-
15
-
ns
trec
recovery time
VCC = 6.0 V
9
-2
-
11
-
13
-
ns
Dn to CP; see Fig. 9
VCC = 2.0 V
60
11
-
75
-
90
-
ns
VCC = 4.5 V
12
4
-
15
-
18
-
ns
tsu
set-up time
VCC = 6.0 V
10
3
-
13
-
15
-
ns
Dn to CP; see Fig. 9
VCC = 2.0 V
3
-6
-
3
-
3
-
ns
VCC = 4.5 V
3
-2
-
3
-
3
-
ns
th
hold time
VCC = 6.0 V
3
-2
-
3
-
3
-
ns
CP input; see Fig. 7
VCC = 2.0 V
6
20.6
-
4.8
-
4
-
MHz
VCC = 4.5 V
30
103
-
24
-
20
-
MHz
VCC = 5.0 V; CL = 15 pF
-
66
-
-
-
-
-
MHz
fmax
maximum
frequency
VCC = 6.0 V
35
122
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC
[3] -
20
-
-
-
-
-
pF
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 6 September 2021
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com