Electronic Components Datasheet Search
  English  ▼

X  

74HC273 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC273
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC273 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Nexperia
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HCT273
CP to Qn; see Fig. 7
[1]
VCC = 4.5 V
-
16
30
-
38
-
45
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
15
-
-
-
-
-
ns
MR to Qn; see Fig. 8
VCC = 4.5 V
-
23
34
-
43
-
51
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
20
-
-
-
-
-
ns
Qn output; see Fig. 7
[2]
tt
transition time
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CP input; see Fig. 7
VCC = 4.5 V
16
9
-
20
-
24
-
ns
MR input LOW; see Fig. 8
tW
pulse width
VCC = 4.5 V
16
8
-
20
-
24
-
ns
MR to CP; see Fig. 8
trec
recovery time
VCC = 4.5 V
10
-2
-
13
-
15
-
ns
Dn to CP; see Fig. 9
tsu
set-up time
VCC = 4.5 V
12
5
-
15
-
18
-
ns
Dn to CP; see Fig. 9
th
hold time
VCC = 4.5 V
3
-4
-
3
-
3
-
ns
CP input; see Fig. 7
VCC = 4.5 V
30
56
-
24
-
20
-
MHz
fmax
maximum
frequency
VCC = 5.0 V; CL = 15 pF
-
36
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3] -
23
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi + Σ (CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
Σ (CL x VCC 2 x fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 6 September 2021
8 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com