Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9166 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT9166 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9166/A
Preliminary
6
DS9166/A-09 October 2004
www.richtek.com
Current Limit vs. Temperature
700
750
800
850
900
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V
CIN = 1uF
COUT = 1uF
RL = 0.5
Ω
RT9166-33CX
(°C)
-40
Current Limit vs. Temperature
700
750
800
850
900
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V
CIN = 1uF
COUT = 1uF
RL = 0.5
Ω
RT9166-33CVL
(°C)
-40
Quiescent Current vs. Temperature
140
160
180
200
220
240
260
-50-25
0
25
50
75100
125
Temperature
VIN = 5V
CIN = 1uF
COUT = 1uF
RT9166-33CX
(°C)
-40
Temperature Stability
3.2
3.25
3.3
3.35
3.4
-50
-25
0
25
50
75
100
125
Temperature
VIN = 5V
CIN = 1uF
COUT = 1uF
RT9166-33CX
(°C)
-40
Quiescent Current vs. Temperature
140
160
180
200
220
240
260
-50
-25
0
25
50
75
100
125
Temperature
RT9166-33CVL
VIN = 5V
CIN = 1uF
COUT = 1uF
(°C)
-40
Temperature Stability
3.2
3.25
3.3
3.35
3.4
-50
-25
0
25
50
75
100
125
Temperature
RT9166-33CVL
VIN = 5V
CIN = 1uF
COUT = 1uF
(°C)
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com