Electronic Components Datasheet Search
  English  ▼

X  

RT9166 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9166 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9166 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9166/A
Preliminary
1
DS9166/A-09 October 2004
www.richtek.com
Pin Configurations
300/600mA, Ultra-Fast Transient Response LDO Regulator
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT9166/A series are CMOS low dropout regulators
optimized for ultra-fast transient response. The devices are
capable of supplying 300mA or 600mA of output current
with a dropout voltage of 230mV or 580mV respectively.
The RT9166/A series are is optimized for CD/DVD-ROM,
CD/RW or wireless communication supply applications.
The RT9166/A regulators are stable with output capacitors
as low as 1
µF. The other features include ultra low dropout
voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio.
The devices are available in fixed output voltages range of
1.2V to 4.5V with 0.1V per step. The RT9166/A regulators
are available in 3-lead SOT-23, SOT-89, SOT-223 and TO-92
packages.
Features
Low Quiescent Current (Typically 220
µµµµµA)
Guaranteed 300/600mA Output Current
Low Dropout Voltage: 230/580mV at 300/600mA
Wide Operating Voltage Ranges: 3V to 5.5V
Ultra-Fast Transient Response
Tight Load and Line Regulation
Current Limiting Protection
Thermal Shutdown Protection
Only low-ESR Ceramic Capacitor Required for
Stability
Custom Voltage Available
Applications
CD/DVD-ROM, CD/RW
Wireless LAN Card/Keyboard/Mouse
Battery-Powered Equipment
XDSL Router
PCMCIA Card
(TOP VIEW)
1
2
3
VIN
GND
VOUT
TO-92
(RT9166/A)
12
3
GND
VOUT
VIN
SOT-23 (L-Type)
(RT9166)
12
3
GND
(TAB)
VIN
VOUT
SOT-89
SOT-89 (L-Type)
12
3
GND
VIN
(TAB)
VOUT
SOT-223
1
23
GND
(TAB)
VIN
VOUT
SOT-223 (L-Type)
1
2
3
GND
VIN
(TAB)
VOUT
RT9166/A -
Package Type
VL : SOT-23 (L-Type)
X : SOT-89
XL : SOT-89 (L-Type)
G : SOT-223
GL : SOT-223 (L-Type)
Z : TO-92
Operating Temperature Range
C : Commercial Standard
P : Pb Free with Commercial Standard
Output Voltage
12 : 1.2V
13 : 1.3V
:
45 : 4.5V
600mA Output Current
300mA Output Current


Similar Part No. - RT9166

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12GG RICHTEK-RT9166-12GG Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12GG RICHTEK-RT9166-12GG Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-12GGL RICHTEK-RT9166-12GGL Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
600mA, Ultra-Fast Transient Response Linear Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
M.S. Kennedy Corporatio...
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
Ultra-Fast Transient Response
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com