Electronic Components Datasheet Search
  English  ▼

X  

TC236 Datasheet(PDF) 8 Page - Texas Instruments

Part # TC236
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC236 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC236 Datasheet HTML 4Page - Texas Instruments TC236 Datasheet HTML 5Page - Texas Instruments TC236 Datasheet HTML 6Page - Texas Instruments TC236 Datasheet HTML 7Page - Texas Instruments TC236 Datasheet HTML 8Page - Texas Instruments TC236 Datasheet HTML 9Page - Texas Instruments TC236 Datasheet HTML 10Page - Texas Instruments TC236 Datasheet HTML 11Page - Texas Instruments TC236 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Expanded Section of
Parallel Transfer
IAG1, 2
SAG
SRG
1
µs Minimum
684 Pulses
684 Pulses
ODB
IAG1, 2
SAG
SRG
RST
Clear
Integrate
Transfer to Memory
Readout
250 Cycles
500 Pulses
500 Pulses
500 Pulses
Figure 6. Progressive-Scan Timing With Dual Register Readout
serial registers
The storage-area gate and serial gate(s) are used to transfer the charge line by line from the storage area into
the serial register(s). Depending on the readout mode, one or both serial registers is used. If both are used, the
registers are read out in parallel.
readout and video processing
After transfer into the serial register(s), the pixels are read out and placed onto a charge-detection node. The
node must be reset to a reference level before the next pixel is placed onto the detection node. The timing for
the serial-register readout, which includes the external pixel clamp and sample-and-hold signals needed to
implement correlated double sampling, is shown in Figure 7. As the charge is transferred onto the detection
node, the potential of this node changes in proportion to the amount of signal received. The change is sensed
by an MOS transistor and, after proper buffering, the signal is supplied to the output terminal of the image sensor.
The buffer amplifier converts charge into a video signal. Figure 8 shows the circuit diagram of the
charge-detection node and output amplifier. The detection nodes and amplifiers are placed a short distance
away from the edge of the storage area; therefore, each serial register contains four dummy elements that are
used to span the distance between the serial registers and the amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com