Electronic Components Datasheet Search
  English  ▼

X  

TC236 Datasheet(PDF) 11 Page - Texas Instruments

Part # TC236
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC236 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TC236 Datasheet HTML 7Page - Texas Instruments TC236 Datasheet HTML 8Page - Texas Instruments TC236 Datasheet HTML 9Page - Texas Instruments TC236 Datasheet HTML 10Page - Texas Instruments TC236 Datasheet HTML 11Page - Texas Instruments TC236 Datasheet HTML 12Page - Texas Instruments TC236 Datasheet HTML 13Page - Texas Instruments TC236 Datasheet HTML 14Page - Texas Instruments TC236 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating range of supply voltage, TA = –10°C to 45°C
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
With CDS‡
68
69
70
dB
Dynamic range (see Note 2)
Without CDS‡
57
58
59
dB
Charge conversion factor
20
µV/e
Charge-transfer efficiency (see Note 3)
0.9999
0.99995
1
Signal-response delay time,
τ (see Note 4)
TBD
ns
Gamma (see Note 5)
1
Output resistance
300
400
500
Ω
Noise equivalent signal
With CDS‡
8.5
10
12
electrons
Noise-equivalent signal
Without CDS‡
30
36
42
electrons
ADB (see Note 6)
TBD
Rejection ratio
SRG (see Note 7)
TBD
dB
ABG (see Note 8)
TBD
Supply current
5
10
mA
IAG1, IAG2
2000
Input capacitance Ci
SRG
70
pF
Input capacitance, Ci
RST
10
pF
SAG
4000
† All typical values are at TA = 25°C.
‡ CDS = Correlated double sampling, a signal-processing technique that improves noise performance by subtraction of reset noise.
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean noise signal divided by saturation output signal.
3. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
4. Signal-response delay time is the time between the falling edge of the SRG pulse and the output-signal valid state.
5. Gamma (
γ) is the value of the exponent is the equation below for two points on the linear portion of the transfer-function curve (this
value represents points near saturation).
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
6. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided b the ac amplitude at ADB.
7. SRG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at SRG.
8. ABG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ABG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com