Electronic Components Datasheet Search
  English  ▼

X  

TLMY3301 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLMY3301
Description  Power SMD LED in PLCC-2 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY3301 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLMY3301 Datasheet HTML 3Page - Vishay Siliconix TLMY3301 Datasheet HTML 4Page - Vishay Siliconix TLMY3301 Datasheet HTML 5Page - Vishay Siliconix TLMY3301 Datasheet HTML 6Page - Vishay Siliconix TLMY3301 Datasheet HTML 7Page - Vishay Siliconix TLMY3301 Datasheet HTML 8Page - Vishay Siliconix TLMY3301 Datasheet HTML 9Page - Vishay Siliconix TLMY3301 Datasheet HTML 10Page - Vishay Siliconix TLMY3301 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
VISHAY
TLMK / O / S / Y330.
Document Number 83201
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
9
Figure 23. Forward Current vs. Forward Voltage
Figure 24. Forward Current vs. Forward Voltage
Figure 25. Change of Forward Voltage vs. Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VF – Forward Voltage ( V )
17046
Yellow
Soft orange
Red
0
10
20
30
40
50
60
70
80
90
100
1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
VF - Forward Voltage(V)
17047
Red
-200
-150
-100
-50
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Tamb - Ambient Temperature ( °C)
17039
10 mA
30 mA
50 mA
Red
Figure 26. Relative Luminous Intensity vs. Amb. Temperature
Figure 27. Change of Dominant Wavelength vs. Ambient
Temperature
Figure 28. Relative Luminous Intensity vs. Forward Current
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
Tamb - Ambient Temperature ( °C)
17040
Red
-5
-4
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
Tamb - Ambient Temperature ( ° C)
17041
Red
0.01
0
1
10
1
10
100
IF - Forward Current ( mA )
17042
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com