Electronic Components Datasheet Search
  English  ▼

X  

TLMY3301 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMY3301
Description  Power SMD LED in PLCC-2 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY3301 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMY3301 Datasheet HTML 1Page - Vishay Siliconix TLMY3301 Datasheet HTML 2Page - Vishay Siliconix TLMY3301 Datasheet HTML 3Page - Vishay Siliconix TLMY3301 Datasheet HTML 4Page - Vishay Siliconix TLMY3301 Datasheet HTML 5Page - Vishay Siliconix TLMY3301 Datasheet HTML 6Page - Vishay Siliconix TLMY3301 Datasheet HTML 7Page - Vishay Siliconix TLMY3301 Datasheet HTML 8Page - Vishay Siliconix TLMY3301 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLMY33.., TLMO33.., TLMK33.., TLMS33..
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLMK33..
TLMO3303
Soft orange, IV = (400 to 1250) mcd
60 °
AlInGaP on GaAs
TLMY3300
Yellow, IV > 200 mcd
60 °
AlInGaP on GaAs
TLMY3301
Yellow, IV = (250 to 640) mcd
60 °
AlInGaP on GaAs
TLMY3302
Yellow, IV = (320 to 800) mcd
60 °
AlInGaP on GaAs
TLMY3303
Yellow, IV = (400 to 1250) mcd
60 °
AlInGaP on GaAs
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
DC Forward current
Tamb ≤ 73 °C (400 K/W)
IF
50
mA
Power dissipation
Tamb ≤ 73 °C (400 K/W)
PV
130
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity
IF = 50 mA
TLMK3300
IV
200
500
mcd
TLMK3301
IV
250
800
mcd
TLMK3302
IV
400
800
mcd
TLMK3303
IV
400
1250
mcd
Luminous flux/Luminous
intensity
φV/IV
3mlm/
mcd
Dominant wavelength
IF = 50 mA
λd
611
617
622
nm
Peak wavelength
IF = 50 mA
λp
624
nm
Spectral bandwidth
at 50 % Irel max
IF = 50 mA
∆λ
18
nm
Angle of half intensity
IF = 50 mA
ϕ
± 60
deg
Forward voltage
IF = 50 mA
VF
1.85
2.1
2.55
V
Reverse current
VR = 5 V
VR
0.01
10
µA
Part
Color, Luminous Intensity
Angle of Half Intensity
(±
ϕ)
Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com