Electronic Components Datasheet Search
  English  ▼

X  

3935 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3935
Description  3-PHASE POWER MOSFET CONTROLLER - For Automotive Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3935 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3935 Datasheet HTML 2Page - Allegro MicroSystems 3935 Datasheet HTML 3Page - Allegro MicroSystems 3935 Datasheet HTML 4Page - Allegro MicroSystems 3935 Datasheet HTML 5Page - Allegro MicroSystems 3935 Datasheet HTML 6Page - Allegro MicroSystems 3935 Datasheet HTML 7Page - Allegro MicroSystems 3935 Datasheet HTML 8Page - Allegro MicroSystems 3935 Datasheet HTML 9Page - Allegro MicroSystems 3935 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3935
THREE-PHASE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
ELECTRICAL CHARACTERISTICS: unless otherwise noted at T
J = -40°C to +150°C, VBAT = 7 V to 16 V,
V
DD = 4.75 V to 5.25 V, ENABLE = 22.5 kHz, 50% Duty Cycle, Two Phases Active.
Limits
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Sense Amplifier
Input Bias Current
I
bias
CSP = CSN = 0 V
-180
–
-360
µA
Input Offset Current
I
IO
CSP = CSN = 0 V
–
–
±35
µA
Input Resistance
r
i
CSP with respect to GND
–
80
–
k
Ω
CSN with respect to GND
–
4.0
–
k
Ω
Diff. Input Operating Voltage
V
ID
V
ID = CSP – CSN, -1.3V < CSP,N < 4V
–
–
±200
mV
Output Offset Voltage
V
OO
CSP = CSN = 0 V
77
250
450
mV
Output Offset Voltage Drift
∆V
OO
CSP = CSN = 0 V
–
100
–
µV/°C
Input Com-Mode Oper. Range
V
IC
CSP = CSN
-1.5
–
4.0
V
Voltage Gain
A
V
V
ID = 40 mV to 200 mV
18.6
19.2
19.8
V/V
Low Output Voltage Error
E
v
V
id = 0 to 40 mV, Vo = (19.2 x VID) + Vo + Ev
–
–
±25
mV
DC Common-Mode Attenuation
A
VC
CSP = CSN = 200 mV
28
–
–
dB
Output Resistance
r
o
V
CSOUT = 2.0 V
–
8.0
–
Ω
Output Dynamic Range
V
CSOUT
I
CSOUT = -100 µA at top rail, 100 µA at bottom rail
0.075
–
V
DD-0.25
V
Output Current, Sink
I
sink
V
CSOUT = 2.5 V
20
–
–
mA
Output Current, Source
I
source
V
CSOUT = 2.5 V
-1.0
–
–
mA
VDD Supply Ripple Rejection
PSRR
CSP = CSN = GND, freq. = 0 to 1 MHz
20
–
–
dB
VREG Supply Ripple Rejection
PSRR
CSP = CSN = GND, freq. = 0 to 300 kHz
45
–
–
dB
Small Signal 3-dB Bandwidth
f
3db
10 mV input
–
1.6
–
MHz
AC Common-Mode Attenuation
A
vc
V
cm = 250 mV/pp, freq. = 0 to 800 kHz
26
–
–
dB
Output Slew Rate
SR
200 mV step input, meas. 10/90% points
10
–
–
V/µs
(positive or negative)
NOTES: Typical Data and Typical Characteristics are for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com