Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM50B
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM50B Datasheet HTML 1Page - National Semiconductor (TI) LM50B Datasheet HTML 2Page - National Semiconductor (TI) LM50B Datasheet HTML 3Page - National Semiconductor (TI) LM50B Datasheet HTML 4Page - National Semiconductor (TI) LM50B Datasheet HTML 5Page - National Semiconductor (TI) LM50B Datasheet HTML 6Page - National Semiconductor (TI) LM50B Datasheet HTML 7Page - National Semiconductor (TI) LM50B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Performance Characteristics
To generate these curves the LM50 was mounted to a printed circuit board as shown in
Figure 2
Junction to Air
Thermal Resistance
Thermal Time Constant
with Heat Sink (
Figure 2 )
Thermal Response in Still Air
with Heat Sink
in Stirred Oil Bath
Thermal Response
vs Temperature
Start-Up Voltage
Air without a Heat Sink
Thermal Response in Still
Temperature
(Figure 1)
Quiescent Current vs
Accuracy vs Temperature
Noise Voltage
vs Supply Current
Supply Voltage
Start-Up Response
TLH12030 – 19
FIGURE 2 Printed Circuit Board Used
for Heat Sink to Generate All Curves
Square Printed Circuit Board
with 2 oz Foil or Similar
TLH12030 – 18
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com