Electronic Components Datasheet Search
  English  ▼

X  

LM50B Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM50B
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50B Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM50B Datasheet HTML 1Page - National Semiconductor (TI) LM50B Datasheet HTML 2Page - National Semiconductor (TI) LM50B Datasheet HTML 3Page - National Semiconductor (TI) LM50B Datasheet HTML 4Page - National Semiconductor (TI) LM50B Datasheet HTML 5Page - National Semiconductor (TI) LM50B Datasheet HTML 6Page - National Semiconductor (TI) LM50B Datasheet HTML 7Page - National Semiconductor (TI) LM50B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10 Mounting
The LM50 can be applied easily in the same way as other
integrated-circuit temperature sensors It can be glued or
cemented to a surface and its temperature will be within
about 02 C of the surface temperature
This presumes that the ambient air temperature is almost
the same as the surface temperature if the air temperature
were much higher or lower than the surface temperature
the actual temperature of the LM50 die would be at an inter-
mediate temperature between the surface temperature and
the air temperature
To ensure good thermal conductivity the backside of the
LM50 die is directly attached to the GND pin The lands and
traces to the LM50 will of course be part of the printed
circuit board which is the object whose temperature is be-
ing measured These printed circuit board lands and traces
will not cause the LM50s temperature to deviate from the
desired temperature
Alternatively the LM50 can be mounted inside a sealed-end
metal tube and can then be dipped into a bath or screwed
into a threaded hole in a tank As with any IC the LM50 and
accompanying wiring and circuits must be kept insulated
and dry to avoid leakage and corrosion This is especially
true if the circuit may operate at cold temperatures where
condensation can occur Printed-circuit coatings and var-
nishes such as Humiseal and epoxy paints or dips are often
used to ensure that moisture cannot corrode the LM50 or its
connections
Temperature Rise of LM50 Due to Self-Heating
(Thermal Resistance iJA)
SOT-23
SOT-23
no heat sink
small heat fin
Still air
450 CW
260 CW
Moving air
180 CW
Heat sink used is
square printed circuit board with 2 oz foil with part
attached as shown in
Figure 2
Part soldered to 30 gauge wire
20 Capacitive Loads
TLH12030 – 7
FIGURE 3 LM50 No Decoupling Required
for Capacitive Load
TLH12030 – 8
FIGURE 4 LM50C with Filter for Noisy Environment
The LM50 handles capacitive loading very well Without any
special precautions the LM50 can drive any capacitive load
The LM50 has a nominal 2 kX output impedance (as can be
seen in the block diagram) The temperature coefficient of
the output resistors is around 1300 ppm C Taking into ac-
count this temperature coefficient and the initial tolerance of
the resistors the output impedance of the LM50 will not ex-
ceed 4 kX In an extremely noisy environment it may be
necessary to add some filtering to minimize noise pickup It
is recommended that 01 mF be added from VIN to GND to
bypass the power supply voltage as shown in
Figure 4 Ina
noisy environment it may be necessary to add a capacitor
from the output to ground A 1 mF output capacitor with the
4kX output impedance will form a 40 Hz lowpass filter
Since the thermal time constant of the LM50 is much slower
than the 25 ms time constant formed by the RC the overall
response time of the LM50 will not be significantly affected
For much larger capacitors this additional time lag will in-
crease the overall response time of the LM50
TLH12030 – 17
R2
2k with a typical 1300 ppm C drift
FIGURE 5 Block Diagram
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com