Electronic Components Datasheet Search
  English  ▼

X  

CDB4352 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4352
Description  Evaluation Board for CS4352
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4352 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4352 Datasheet HTML 1Page - Cirrus Logic CDB4352 Datasheet HTML 2Page - Cirrus Logic CDB4352 Datasheet HTML 3Page - Cirrus Logic CDB4352 Datasheet HTML 4Page - Cirrus Logic CDB4352 Datasheet HTML 5Page - Cirrus Logic CDB4352 Datasheet HTML 6Page - Cirrus Logic CDB4352 Datasheet HTML 7Page - Cirrus Logic CDB4352 Datasheet HTML 8Page - Cirrus Logic CDB4352 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Evaluation Board for CS4352
Features
Demonstrates Recommended Layout And
Grounding Arrangements
CS8416 Receives S/PDIF, & EIAJ-340-
Compatible Digital Audio
Headers for External PCM Audio
Requires Only a Digital Signal Source and
Power Supplies for a Complete Digital-to-
Analog Converter System
Description
The CDB4352 evaluation board is an excellent means
for quickly evaluating the CS4352 24-bit, high-perfor-
mance stereo D/A converter. Evaluation requires an
analog signal analyzer, a digital signal source, and a
power supply. Analog line-level outputs are provided via
RCA phono jacks.
The CS8416 digital audio receiver IC provides the sys-
tem timing necessary to operate the Digital-to-Analog
converter and will accept S/PDIF and EIAJ-340-com-
patible audio data. The evaluation board may also be
configured to accept external timing and data signals for
operation
in
a
user
application
during
system
development.
ORDERING INFORMATION
CDB4352
Evaluation Board
Analog Output
(Line Level)
CS4352
S/PDIF Input
(CS8416)
Clocks/Data
Header
Reset
Reset
Hardware Switches
Mux
Muting
SEPTEMBER '06
DS684DB1
CDB4352


Similar Part No. - CDB4352

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4352 CIRRUS-CDB4352 Datasheet
557Kb / 19P
192 kHz Stereo DAC with 2 Vrms Line Out
CDB4352 CIRRUS-CDB4352 Datasheet
476Kb / 20P
192 kHz Stereo DAC with 2 Vrms Line Out
More results

Similar Description - CDB4352

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4344 CIRRUS-CDB4344 Datasheet
594Kb / 14P
Evaluation Board for CS4344
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com