Electronic Components Datasheet Search
  English  ▼

X  

CDB4352 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB4352
Description  Evaluation Board for CS4352
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4352 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB4352 Datasheet HTML 7Page - Cirrus Logic CDB4352 Datasheet HTML 8Page - Cirrus Logic CDB4352 Datasheet HTML 9Page - Cirrus Logic CDB4352 Datasheet HTML 10Page - Cirrus Logic CDB4352 Datasheet HTML 11Page - Cirrus Logic CDB4352 Datasheet HTML 12Page - Cirrus Logic CDB4352 Datasheet HTML 13Page - Cirrus Logic CDB4352 Datasheet HTML 14Page - Cirrus Logic CDB4352 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DS684DB1
11
CDB4352
Table 2. CDB4352 Jumper Settings
*Default Factory Settings.
10.DESIGN NOTE
10.1
CDB4352 Revision A.0
D2 has been removed and shorted and R2 has been removed.
The serial audio decode table for S1 is incorrect. ‘01’ should be RJ-24 and ‘10’ should be LJ
The polarity of the silkscreen for Z1, Z2, Z3, Z4, and Z5 is incorrect
The CS4352 revision is A1
10.2
CDB4352 Revision B.0
No errors at this time
JUMPER /
SWITCH
PURPOSE
POSITION
FUNCTION SELECTED
J7
Selects source of voltage for
the +5V supplies
+5 V
*+5V_REG
Voltage source is +5 V test point (TP8)
Voltage source is +5 V regulator
J4
Selects source of voltage for
the VD supplies
VD
*+3.3V REG
Voltage source is VD test point (TP2)
Voltage source is +3.3 V regulator
J5
Selects source of voltage for
the VL supply
VL
*+3.3V REG
Voltage source is VL binding post
Voltage source is +3.3 V regulator
J6
Selects source of voltage for
the VA supply
VA
*+3.3V REG
Voltage source is VA test point (TP7)
Voltage source is +3.3 V regulator
J8
Current measure for VD
*shunted
When shunt is removed, the voltage can be measured
across a fixed resistance to determine current.
J9
Current measure for VL
*shunted
When shunt is removed, the voltage can be measured
across a fixed resistance to determine current.
J10
Current measure for VA
*shunted
When shunt is removed, the voltage can be measured
across a fixed resistance to determine current.
J11
Current measure for VA_H
*shunted
When shunt is removed, the voltage can be measured
across a fixed resistance to determine current.
S1
Sets clock source, CS8416
clock speed, and CS4352 set-
tings
*1 = open
*2, 3, 4, 5 = closed
position 1: 0 = external clock source, 1 = CS8416
position 2: 0 = 8416 MCLK is 256xFs, 1 = 128xFs
Position 3,4,5: see CS4352 datasheet
S2
Reset
-
Enables reset for CS4352 and CS8416 when pressed
J12
J17
Mute Disable
*LED
MUTE
Bypasses muting to turn on LED
Normal muting circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com