Electronic Components Datasheet Search
  English  ▼

X  

BST74A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BST74A
Description  N-channel vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST74A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BST74A Datasheet HTML 2Page - NXP Semiconductors BST74A Datasheet HTML 3Page - NXP Semiconductors BST74A Datasheet HTML 4Page - NXP Semiconductors BST74A Datasheet HTML 5Page - NXP Semiconductors BST74A Datasheet HTML 6Page - NXP Semiconductors BST74A Datasheet HTML 7Page - NXP Semiconductors BST74A Datasheet HTML 8Page - NXP Semiconductors BST74A Datasheet HTML 9Page - NXP Semiconductors BST74A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
April 1995
6
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
BST74A
Fig.6 Tj =25 °C; typical values.
handbook, halfpage
010
1
0
0.2
0.4
0.6
0.8
24
6
ID
(A)
8
MDA766
VDS (V)
VGS = 10 V
5 V
3 V
4 V
Fig.7 Power derating curve.
handbook, halfpage
0
1.2
0.8
0.4
0
50
100
200
150
MDA767
Ptot
(W)
Tamb (°C)
Fig.8
at 400 mA/10 V; typical values.
k
R
DSon at Tj
R
DSon at 25 ° C
-----------------------------------------
;
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
3
0.5
2.5
100
2
1.5
1
MDA742
Fig.9
VGS(th) at 1 mA; typical values.
k
V
GS th
() at Tj
V
GS th
() at 25 °C
---------------------------------------------
;
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
1.2
0.7
1.1
100
1
0.9
0.8
MDA743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com