Electronic Components Datasheet Search
  English  ▼

X  

BST74A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BST74A
Description  N-channel vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST74A Datasheet(HTML) 4 Page - NXP Semiconductors

  BST74A Datasheet HTML 1Page - NXP Semiconductors BST74A Datasheet HTML 2Page - NXP Semiconductors BST74A Datasheet HTML 3Page - NXP Semiconductors BST74A Datasheet HTML 4Page - NXP Semiconductors BST74A Datasheet HTML 5Page - NXP Semiconductors BST74A Datasheet HTML 6Page - NXP Semiconductors BST74A Datasheet HTML 7Page - NXP Semiconductors BST74A Datasheet HTML 8Page - NXP Semiconductors BST74A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
BST74A
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source breakdown voltage
ID =10 µA; VGS =0
V(BR)DS
min.
200 V
Drain-source leakage current
VDS = 160 V; VGS =0
IDSS
max.
10
µA
Gate-source leakage current
VGS = 20 V; VDS =0
IGSS
max.
100 nA
Gate threshold voltage
min.
max.
0.8
2.8
V
V
ID = 1 mA; VDS = VGS
VGS(th)
Drain-source ON-resistance (see Fig.4)
typ.
max.
6
12
Ω
Ω
ID = 250 mA; VGS = 10 V
RDS(on)
Transfer admittance
ID = 250 mA; VDS = 15 V
 Yfs
typ.
250 mS
Input capacitance at f = 1 MHz
typ.
max.
70
90
pF
pF
VDS = 10 V; VGS =0
Ciss
Output capacitance at f = 1 MHz
typ.
max.
20
30
pF
pF
VDS = 10 V; VGS =0
Coss
Feedback capacitance at f = 1 MHz
typ.
max.
5
10
pF
pF
VDS = 10 V; VGS =0
Crss
Switching times (see Figs 2 and 3)
ID = 250 mA; VDS = 50 V; VGS = 0 to 10 V
ton
typ.
4 ns
max.
10 ns
toff
typ.
15 ns
max.
25 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com