Electronic Components Datasheet Search
  English  ▼

X  

CDB53L21 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 42Page - Cirrus Logic CDB53L21 Datasheet HTML 43Page - Cirrus Logic CDB53L21 Datasheet HTML 44Page - Cirrus Logic CDB53L21 Datasheet HTML 45Page - Cirrus Logic CDB53L21 Datasheet HTML 46Page - Cirrus Logic CDB53L21 Datasheet HTML 47Page - Cirrus Logic CDB53L21 Datasheet HTML 48Page - Cirrus Logic CDB53L21 Datasheet HTML 49Page - Cirrus Logic CDB53L21 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
46
DS700PP1
CS53L21
ADCX High-Pass Filter Freeze (ADCX_HPFRZ)
Default: 0
0 - Continuous DC Subtraction
1 - Frozen DC Subtraction
Function:
The high-pass filter works by continuously subtracting a measure of the DC offset from the output of the
decimation filter. If the ADCx_HPFRZ bit is taken high during normal operation, the current value of the DC
offset is frozen, and this DC offset will continue to be subtracted from the conversion result. For DC mea-
surements, this bit must be set to ‘1’. See “ADC Digital Filter Characteristics” on page 14.
Soft Ramp CHX Control (SOFTX)
Default: 0
0 - Disabled
1 - Enabled
Function:
Soft Ramp allows level changes to be implemented via an incremental ramp. ADCx_ATT[7:0] digital atten-
uation changes are ramped from the current level to the new level at a rate of 0.125 dB per LRCK period.
PGAx_VOL[4:0] gain changes are ramped in 0.5 dB steps every 16 LRCK periods.
Soft Ramp & Zero Cross Enabled
When used in conjunction with the ZCROSSx bit, the PGAx_VOL[4:0] gain changes will occur in 0.5 dB
steps and be implemented on a signal zero crossing.
Zero Cross CHX Control (ZCROSSX)
Default: 0
0 - Disabled
1 - Enabled
Function:
Zero Cross Enable dictates that signal level changes will occur on a signal zero crossing to minimize audible
artifacts. The requested level change will occur after a timeout period of 1024 sample periods (approximate-
ly 10.7 ms at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross function
is independently monitored and implemented for each channel.
Soft Ramp & Zero Cross Enabled
When used in conjunction with the SOFTx bit, the PGAx_VOL[4:0] gain changes will occur in 0.5 dB steps
and be implemented on a signal zero crossing.
The ADC Attenuator ADCx_ATT[7:0] is not affected by the ZCROSSx bit.
SOFTx
ZCROSSx
Analog PGA Volume
(PGAx_VOL[4:0])
Digital Attenuator (ADCx_ATT[7:0])
00
Volume changes immediately.
Volume changes immediately.
01
Volume changes at next zero cross time.
Volume changes immediately.
10
Volume changes in 0.5 dB steps.
Change volume in 0.125 dB steps.
11
Volume changes in 0.5 dB steps at every
signal zero-cross.
Change volume in 0.125 dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com