Electronic Components Datasheet Search
  English  ▼

X  

CDB53L21 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 19Page - Cirrus Logic CDB53L21 Datasheet HTML 20Page - Cirrus Logic CDB53L21 Datasheet HTML 21Page - Cirrus Logic CDB53L21 Datasheet HTML 22Page - Cirrus Logic CDB53L21 Datasheet HTML 23Page - Cirrus Logic CDB53L21 Datasheet HTML 24Page - Cirrus Logic CDB53L21 Datasheet HTML 25Page - Cirrus Logic CDB53L21 Datasheet HTML 26Page - Cirrus Logic CDB53L21 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
DS700PP1
23
CS53L21
4.3.2
High-Pass Filter and DC Offset Calibration
The high-pass filter continuously subtracts a measure of the DC offset from the output of the decimation
filter. If the high-pass filter is “frozen” during normal operation, the current value of the DC offset for the
corresponding channel is held. It is this DC offset that will continue to be subtracted from the conversion
result. This feature makes it possible to perform a system DC offset calibration by:
1. Running the A/D with the high-pass filter enabled and the DC offset not “frozen” until the filter settles.
See the Digital Filter Characteristics for filter settling time.
2. Freezing the DC offset.
The high-pass filters are controlled using the ADCx_HPFRZ and ADCx_HPFEN bits.
If a particular ADC channel is used to measure DC voltages, the high-pass filter may be disabled using
the ADCx_HPFEN bit.
4.3.3
Digital Routing
The digital output of the ADC may be internally routed to the Signal Processing Engine (SPE). ADC output
volume may be controlled using the ADCMIX [6:0] bits, and channel swaps can be done using the
ADCA[1:0] and ADCB[1:0] bits. This “processed” ADC data can be selected for output in place of the ADC
output data using the DIGMIX bit.
4.3.4
Differential Inputs
The stereo pair inputs act as a single differential input when the MICMIX bit is enabled. This provides com-
mon mode rejection of noise in digitally intense PCB’s where the microphone signal traverses long traces,
or across long microphone cables as illustrated in Figure 8.
Since the mixer provides a differential combination of the two signals, the potential input mix may exceed
the maximum full-scale input and result in clipping. The level out of the mixer, therefore, is automatically
attenuated 6 dB. Gain may be applied using either the analog PGA or MIC Pre-amp or the digital ADCMIX
volume control to re-adjust a small signal to desired levels.
The analog inputs may also be used as a differential input pair as illustrated in Figure 9. The two channels
are differentially combined when the MICMIX bit is enabled.
4.3.4.1 External Passive Components
The microphone input is internally biased to VQ. Input signals must be AC coupled using external capaci-
tors with values consistent with the desired high-pass filter design. The MICINx input resistance of 50 kW
may be combined with an external capacitor of 1 mF to achieve the cutoff frequency defined by the equa-
tion,
An electrolytic capacitor must be placed such that the positive terminal is positioned relative to the side with
the greater bias voltage. The MICBIAS voltage level is controlled by the MICBIAS_LVL[1:0] bits.
Software
Controls:
“ADC Control (Address 06h)” on page 45.
Software
Controls:
“ADCx Mixer Volume Control: ADCA (Address 0Eh) & ADCB (Address 0Fh)” on page 51, “Inter-
face Control (Address 04h)” on page 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com