Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS35 Datasheet(HTML) 4 Page - Texas Instruments

  TPS35 Datasheet HTML 1Page - Texas Instruments TPS35 Datasheet HTML 2Page - Texas Instruments TPS35 Datasheet HTML 3Page - Texas Instruments TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
6 Pin Configuration and Functions
Not to scale
VDD
WDI
SET0
CWD
GND
CRST
1
2
3
6
5
4
8
7
MR
RESET
Figure 6-1. Pin Configuration Option A
DDF Package, 8-Pin SOT-23,
TPS35-Q1 Top View
Not to scale
VDD
WDI
SET1
CWD
GND
CRST
1
2
3
6
5
4
8
7
SET0
RESET
Figure 6-2. Pin Configuration Option B
DDF Package, 8-Pin SOT-23,
TPS35-Q1 Top View
Not to scale
VDD
WD-EN
SET1
GND
WDI
1
2
3
6
5
4
8
7
SET0
RESET
MR
Figure 6-3. Pin Configuration Option C
DDF Package, 8-Pin SOT-23,
TPS35-Q1 Top View
Not to scale
Pinout PREVIEW
VDD
SET1
GND
WDI
1
2
3
6
5
4
8
7
SET0
WD-EN
RESET
WDO
Figure 6-4. Pin Configuration Option D
DDF Package, 8-Pin SOT-23,
TPS35-Q1 Top View
TPS35-Q1
SLVSGE8A – NOVEMBER 2022 – REVISED JUNE 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com