Electronic Components Datasheet Search
  English  ▼

X  

9274 Datasheet(PDF) 1 Page - Leach International Corporation

Part # 9274
Description  RELAY – NONLATCH 4 PDT, 15 AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9274 Datasheet(HTML) 1 Page - Leach International Corporation

  9274 Datasheet HTML 1Page - Leach International Corporation 9274 Datasheet HTML 2Page - Leach International Corporation 9274 Datasheet HTML 3Page - Leach International Corporation 9274 Datasheet HTML 4Page - Leach International Corporation 9274 Datasheet HTML 5Page - Leach International Corporation 9274 Datasheet HTML 6Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9274
RELAY
– NONLATCH
4 PDT, 15 AMP
(714) 736-7598
• leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 4/2019.
1 / 6
• Polarized, nonlatching hermetically sealed relay
• Contact arrangement
4 PDT
• Coil Supply
Direct or Alternating current
• Qualified to and in accordance with
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1 Ø
and
115/200 Vac, 400 Hz, 3 Ø
• Weight
0.80 lbs. max
• Dimensions
1.80 x 2.06 x 2.06 in. max
• Balanced-force design, all welded construction
• Hermetically sealed, corrosion protected metal can
• No make before break
• Special models available upon request
Application Notes:
101
102
103D
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 VDC
115 Vac
400 Hz
115/200 Vac
400 Hz, 3, Ø
115/200 Vac 3 Ø
115 Vac 60 Hz
Resistive
10A
15A [2]
15A
-
15A
-
10A
Inductive [5]
10A
-
10A
-
10A
-
6A
Motor
6A
8A [2]
6A
8A [2]
6A
8A [2]
4A
Lamp
3A
4A [2]
3A
4A [2]
3A
4A [2]
2A


Similar Part No. - 9274

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9274 BELDEN-9274 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 95% BC Braid, PVC Jacket, CM
11-09-2022
9274-0101000 BELDEN-9274-0101000 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 95% BC Braid, PVC Jacket, CM
11-09-2022
9274-010500 BELDEN-9274-010500 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 95% BC Braid, PVC Jacket, CM
11-09-2022
logo
Visual Communications C...
927401D510AN VCC-927401D510AN Datasheet
508Kb / 1P
Midget Flange incandescent Lampholders
927401D510AT VCC-927401D510AT Datasheet
508Kb / 1P
Midget Flange incandescent Lampholders
More results

Similar Description - 9274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
RELAY - NONLATCH 2 PDT, 12 AMPS
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
KA-A1F LEACH-KA-A1F Datasheet
699Kb / 5P
RELAY – NONLATCH – AC COIL 4 PDT, 10 AMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com