Electronic Components Datasheet Search
  English  ▼

X  

9274 Datasheet(PDF) 2 Page - Leach International Corporation

Part # 9274
Description  RELAY – NONLATCH 4 PDT, 15 AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9274 Datasheet(HTML) 2 Page - Leach International Corporation

  9274 Datasheet HTML 1Page - Leach International Corporation 9274 Datasheet HTML 2Page - Leach International Corporation 9274 Datasheet HTML 3Page - Leach International Corporation 9274 Datasheet HTML 4Page - Leach International Corporation 9274 Datasheet HTML 5Page - Leach International Corporation 9274 Datasheet HTML 6Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9274
RELAY
– NONLATCH
4 PDT, 15 AMP
2 / 6
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
COIL DATA
28 Vdc
115 Vac 400 Hz [3]
115 Vac
60 Hz
Suppressed Vdc [4]
Nominal operating voltage
28
115
115
28
Maximum operating voltage
30
124
124
30
Pick-up voltage, maximum at +125° C
18
90
95
18
Drop-out voltage, max
7
30
35
7
Coil resistance Ω ±10% at +25° C
92
-
-
92
Coil current max. mA at +25° C
-
100
100
-
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
100,000
Minimum operating cycles (life) at 25% rated load
400,000
Dielectric strength at sea level
All circuits to ground and circuit to circuit
2000 Vrms / 50 Hz
Coil to ground
1000 Vrms / 50 Hz
Dielectric strength at altitude 80,000 ft
700 Vrms / 50Hz
(350 Vrms gasket compressed)
Insulation resistance (at 500 Vdc)
100 M Ω min
Sinusoidal vibration
(36-500 Hz) 20 G
(500-1,000 Hz) 15 G
(1,000-2,000 Hz) 10 G
Mechanical shock
50 G / 11 ms
Maximum contact opening time under shock or vibration
10 μ sec
Operate time at nominal voltage
25 ms max
Release time at nominal voltage
DC
20 ms max
AC
50 ms max
Contact make bounce at nominal voltage
N.C. Contacts
5 ms max
N.O. Contacts
3 ms max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com