Electronic Components Datasheet Search
  English  ▼

X  

YA-A1F Datasheet(PDF) 2 Page - Leach International Corporation

Part # YA-A1F
Description  RELAY – NONLATCH – AC COIL 4PDT, LOW LEVEL TO 5 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

YA-A1F Datasheet(HTML) 2 Page - Leach International Corporation

  YA-A1F Datasheet HTML 1Page - Leach International Corporation YA-A1F Datasheet HTML 2Page - Leach International Corporation YA-A1F Datasheet HTML 3Page - Leach International Corporation YA-A1F Datasheet HTML 4Page - Leach International Corporation YA-A1F Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
YA SERIES
RELAY
– NONLATCH – AC COIL
4PDT, LOW LEVEL TO 5 AMP
2 / 5
COIL CH AR ACTERISTICS (Vdc)
GENER AL CH AR ACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
Vac 400 Hz
Vac 50 thru 400 Hz
CODE
F
J
K
Nominal operating voltage
115
28
115
Maximum operating voltage
122
30
122
Maximum pickup voltage
- Cold coil at +85° C
90
23
95
- During high temp test at +85° C
95.4
24.6
100
- During continuous current test at +85° C
103.5
25.9
105
Maximum drop-out voltage
30
10
30
Coil current maximum milliAmperes at +25° C
40
120
28
Temperature range
-70°C to 85°C
Minimum operating cycles (life) at rated load
50,000 [2]
Minimum operating cycles (life) at 25% rated load
200,000
Dielectric strength at sea level - All circuits to ground and circuit to circuit
1050 Vrms
Dielectric strength at sea level - Coil to ground
1050 Vrms
Dielectric strength at altitude 80,000 ft
500 Vrms [5]
Insulation resistance - Initial (500 Vdc)
100 M
Ω min
Insulation resistance - After environmental tests (500 Vdc)
50 M
Ω min
Sinusoidal vibration (A and D mounting)
0.12 d.a. / 10 to 70 Hz
30G / 70 to 3000 Hz
Sinusoidal vibration (G and J mounting)
0.12 d.a. / 10 to 57 Hz
20G /57 to 3000 Hz
Random vibration
- Applicable specification
MIL-STD-202
- Method
214
- Test condition - A and D mounting
1G (0.4G2 /Hz, 50 to 2000 Hz)
- Test condition - G and J mounting
1E (0.2G2 /Hz, 50 to 2000 Hz)
- Duration
15 minutes each plane
Shock (A and D mounting)
200G / 6 ms
Shock (G and J mounting)
100G / 6 ms
Maximum contact opening time under vibration and shock
10 µs
Operate time at nominal voltage@25°C
15 ms max
Release time at nominal voltage@25°C
25 ms max
Contact make bounce at nominal voltage@25°C
1 ms max
Contact release break bounce at nominal voltage@25°C
0.5 ms max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com