Electronic Components Datasheet Search
  English  ▼

X  

YA-A1F Datasheet(PDF) 5 Page - Leach International Corporation

Part # YA-A1F
Description  RELAY – NONLATCH – AC COIL 4PDT, LOW LEVEL TO 5 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

YA-A1F Datasheet(HTML) 5 Page - Leach International Corporation

  YA-A1F Datasheet HTML 1Page - Leach International Corporation YA-A1F Datasheet HTML 2Page - Leach International Corporation YA-A1F Datasheet HTML 3Page - Leach International Corporation YA-A1F Datasheet HTML 4Page - Leach International Corporation YA-A1F Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
YA SERIES
RELAY
– NONLATCH – AC COIL
4PDT, LOW LEVEL TO 5 AMP
5 / 5
DIAGRAMS
NUMBERING SYSTEM
NOTES
1.
Standard Intermediate current test applicable. Relay can also switch low level load while switching any of the other rated loads on
adjacent contacts.
2.
Inductive load life, 10,000 cycles.
3.
Low level endurance test: contact load of 10 to 50 millivolt, 10 to 50 microamp, 100 Ohm max. contact resistance.
4.
Refer to MIL-PRF-83536 for details.
5.
500 Vrms with silicone rubber gasket compressed, 250 Vrms all other conditions.
For any inquiries, please contact your local sales representative: leachcorp.com
YA
-
A
1
F
-
XXX
Basic series designation
1.
Mounting styles
2.
Terminal types
3.
Coil voltage, see coil characteristics
4.
XXX Designators
Dimensions in inches
Tolerances, unless otherwise specified, XX ± 0.03 in., XXX ± 0.010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com