Electronic Components Datasheet Search
  English  ▼

X  

9124 Datasheet(PDF) 1 Page - Leach International Corporation

Part # 9124
Description  CONTACTOR 3 PST, 50 AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9124 Datasheet(HTML) 1 Page - Leach International Corporation

  9124 Datasheet HTML 1Page - Leach International Corporation 9124 Datasheet HTML 2Page - Leach International Corporation 9124 Datasheet HTML 3Page - Leach International Corporation 9124 Datasheet HTML 4Page - Leach International Corporation 9124 Datasheet HTML 5Page - Leach International Corporation 9124 Datasheet HTML 6Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9124
CONTACTOR
3 PST, 50 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 7/2019.
1 / 6
• Balanced armature design
• Hermetically sealed
• Contact arrangement
3 PST
• Qualified to
MS27222
MS24376
PRINCIPLE TECHNICAL CHARACTERISTICS
•
Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1Ø
115/200 Vac, 400 Hz, 3Ø
• Weight
1.25 lb max
•
Dimensions
3.31in x 3.73in x 2.44in
• Special units available upon request including models with auxiliary contacts.
Application Notes:
101
102
103F
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac
400 Hz
115/200 Vac
400 Hz 3Ø
115/200 Vac
60 Hz [5]
440 Vac
60 Hz
DELTA [5]
Resistive
50
50
50
30
15
Inductive [6]
50
50
50
30
15
Motor
50
50
50
15
12
Intermediate current
5
5
5
15
-


Similar Part No. - 9124

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9124 BK-9124 Datasheet
800Kb / 3P
Programmable DC Power Supplies
logo
Cisco Systems, Inc.
9124 CISCO-9124 Datasheet
2Mb / 23P
Cisco Catalyst 9124AX Series Access Points
2023
logo
Enercon Technologies Eu...
9124 ENERCON-9124 Datasheet
746Kb / 3P
PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch
Jan 25, 2020
logo
MRV Communications, Inc...
9124-410G MRV-9124-410G Datasheet
2Mb / 4P
CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
logo
Altech corporation
91240 ALTECH-91240 Datasheet
221Kb / 4P
KU4000 Enclosure Series
More results

Similar Description - 9124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
PHOENIX CONTACT
1933192 PHOENIX-1933192 Datasheet
141Kb / 4P
PST 1,3/ 3-5,0
logo
Leach International Cor...
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
RELAY – NONLATCH 1 PST-DM, 50 AMP
7064-4653 LEACH-7064-4653 Datasheet
357Kb / 5P
CONTACTOR 1PST, N.O. 50 AMP
9123 LEACH-9123 Datasheet
748Kb / 6P
CONTACTOR 3 PST/NO, 25 AMP
9125 LEACH-9125 Datasheet
809Kb / 8P
CONTACTOR 50 AMP
9213 LEACH-9213 Datasheet
362Kb / 5P
POWER CONTACTOR 3 PST-DM, 50/100 AMP
HB-X2N LEACH-HB-X2N Datasheet
508Kb / 6P
CONTACTOR, CURRENT SENSING BUSBAR MOUNTING 3 PSTAUX, 50 AMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com