Electronic Components Datasheet Search
  English  ▼

X  

9124 Datasheet(PDF) 3 Page - Leach International Corporation

Part # 9124
Description  CONTACTOR 3 PST, 50 AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9124 Datasheet(HTML) 3 Page - Leach International Corporation

  9124 Datasheet HTML 1Page - Leach International Corporation 9124 Datasheet HTML 2Page - Leach International Corporation 9124 Datasheet HTML 3Page - Leach International Corporation 9124 Datasheet HTML 4Page - Leach International Corporation 9124 Datasheet HTML 5Page - Leach International Corporation 9124 Datasheet HTML 6Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9124
CONTACTOR
3 PST, 50 AMP
3 / 6
NUMBERING SYSTEM
Notes
1. Auxiliary contact rating:
Resistive and inductive: (28 Vdc or 115 Vac) 5 Amp
Lamp: (28 Vdc or 115 Vac) 1 Amp
Bounce at nominal voltage: .004 sec max
2. Coils have back EMF suppression to 42 volts.
3. MS numbers are for reference only. Relays are electrically and mechanically interchangeable except the height is less on the
Leach relays similar to MS24376.
4. See the following pages for mounting styles and schematic diagram.
5. Ratings beyond MS requirements.
6. Inductive life is 20 percent of rated resistive load life
LEACH PART NO.
DESCRIPTION
MS NUMBER
MOUNTING
STYLE [4]
SCHEMATIC
DIAGRAM [4]
9124-C7C4-002
3 PST, 50 AMP, DC COIL
MS27222-1
1
1
9124-C7D3-002
3 PST, 50 AMP, AC COIL 60/400 Hz
MS27222-3
1
1
9124-1Z-C7C4-002
3 PST, 50 AMP, DC COIL,
AUX CONTACT
MS27222-2
1
2
9124-1Z-C7D3-002
3 PST, 50 AMP, AC COIL, AUX
CONTACT 60/400 Hz
MS27222-4
1
2
9124-10278
3 PST, 50 AMP, AC COIL 60/400 Hz
MS27222-5
1
1
9124-10279
3 PST, 50 AMP, AC COIL, AUX
CONTACT, 60/400 Hz
MS27222-6
1
2
9124-10280
3 PST, 50 AMP, DC COIL WITH
SUPPRESSION, AUX CONTACT
MS27222-7
1
4
9124-8073
3 PST, 50 AMP, DC COIL
MS24376-D1 [3]
2
1
9124-8074
3 PST, 50 AMP, AC COIL, 60/400 Hz
MS24376-A1 [3]
2
1
9124-8075
3 PST, 50 AMP, DC COIL,
AUX CONTACT
MS24376-D2 [3]
2
2
9124-8076
3 PST, 50 AMP, AC COIL, AUX
CONTACT 60/400 Hz
MS24376-A2 [3]
2
2
9124-10398
3 PST-NO, 50 AMP, DC
SUPPRESSED COIL
-
1
3
9124-10399
3 PST-NO, 50 AMP, DC
SUPPRESSED
COIL, AUX CONTACTS
-
1
4
9124-10400
3 PST-NO, 50 AMP, DC
SUPPRESSED COIL
-
2
3
9124-10401
3 PST-NO, 50 AMP, DC
SUPPRESSED COIL,
AUX CONTACTS
-
2
4
Special models available upon request, please contact factory.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com