Electronic Components Datasheet Search
  English  ▼

X  

LTC5533 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5533
Description  300MHz to 11GHz Precision Dual RF Power Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5533 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5533 Datasheet HTML 3Page - Linear Technology LTC5533 Datasheet HTML 4Page - Linear Technology LTC5533 Datasheet HTML 5Page - Linear Technology LTC5533 Datasheet HTML 6Page - Linear Technology LTC5533 Datasheet HTML 7Page - Linear Technology LTC5533 Datasheet HTML 8Page - Linear Technology LTC5533 Datasheet HTML 9Page - Linear Technology LTC5533 Datasheet HTML 10Page - Linear Technology LTC5533 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC5533
7
5533f
S11 Forward Reflection
Impedance
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = –25dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(Ω)(Ω)
0.30
216.45
–76.47
0.50
190.63
–98.28
0.70
161.98
–112.03
0.90
133.17
–111.53
1.10
113.08
–109.05
1.30
94.55
–107.08
1.50
75.33
– 98.50
1.70
63.52
– 88.19
1.90
55.19
– 80.05
2.10
48.64
–72.23
2.30
43.73
– 64.81
2.50
39.71
– 58.31
2.70
36.47
– 52.27
2.90
33.69
– 46.77
3.10
31.61
– 41.25
3.30
29.78
–36.61
3.50
28.27
–32.39
3.70
26.63
–28.12
3.90
26.12
–23.97
4.10
24.20
–20.75
4.30
23.28
–16.69
4.50
22.60
–12.77
4.70
22.21
– 9.08
4.90
22.15
–5.24
5.10
22.61
–1.58
5.30
23.90
1.53
5.50
24.97
2.62
5.70
23.51
4.00
5.90
22.25
6.94
6.10
21.57
10.62
6.30
21.43
14.02
6.50
21.69
17.77
6.70
22.68
21.24
6.90
22.81
24.21
7.00
23.07
25.56
5508 TA04
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com