Electronic Components Datasheet Search
  English  ▼

X  

LTC5533 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC5533
Description  300MHz to 11GHz Precision Dual RF Power Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5533 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC5533 Datasheet HTML 4Page - Linear Technology LTC5533 Datasheet HTML 5Page - Linear Technology LTC5533 Datasheet HTML 6Page - Linear Technology LTC5533 Datasheet HTML 7Page - Linear Technology LTC5533 Datasheet HTML 8Page - Linear Technology LTC5533 Datasheet HTML 9Page - Linear Technology LTC5533 Datasheet HTML 10Page - Linear Technology LTC5533 Datasheet HTML 11Page - Linear Technology LTC5533 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC5533
9
5533f
APPLICATIO S I FOR ATIO
Operation
The LTC5533 contains two RF detector dice in one pack-
age forming two independent RF detector channels. Each
channel provides RF power detection over frequencies
ranging from 300MHz to 11GHz. Channel functions include
an internal frequency compensated buffer amplifier with the
gain set to 2x, an RF Schottky diode peak detector and level
shift amplifier to convert the RF input signal to low frequency
and a delay circuit to avoid voltage transients at VOUT when
powering up. The LTC5533 has both shutdown and start-
ing voltage adjustment capabilities.
Buffer Amplifiers
The output buffer amplifiers are capable of supplying
typically 4mA into a load. These amplifiers have band-
widths of 2MHz and a fixed internal gain of two.
The VOS inputs control the DC input voltages to the buffer
amplifiers. VOS must be connected to ground if the DC
output voltage is not to be changed. The buffers are initially
trimmed to approximately 130mV with VOS connected to
ground.
The VOS pins are used to change the initial VOUT starting
voltage. This function enables the LTC5533 outputs to
span the input range of a variety of analog-to-digital
converters. VOUT will not change until VOS exceeds 130mV.
The voltage at VOUT for VOS >130mV and with no RF signal
present is:
VOUT = VOS
VOUT will track VOS above 130mV.
RF Detectors
The internal RF Schottky diode peak detectors and level
shift amplifiers convert the RF input signals to a low
frequency signal. The detectors demonstrate excellent
efficiency and linearity over a wide range of input power.
The Schottky diodes are biased at about 55µA and drive
25pF internal peak detector capacitors.
Applications
The LTC5533 can be used as a self-standing signal
strength measuring receiver for a wide range of input
signals from –32dBm to 12dBm for frequencies from
300MHz to 11GHz. Operation at higher frequencies is
achievable with reduced performance. Consult factory for
more information. Figure 1 plots the output voltage as a
function of RF input power of an 11GHz CW input signal.
VCC1
VOUT1
VOS1
VCC2
VOUT2
VOS2
RFIN1
GND
SHDN1
RFIN2
GND
SHDN2
1
2
3
4
5
6
12
11
10
9
8
7
13
C8
100pF
C9
OPT
C5
OPT
C4
OPT
C3
39pF
C6
39pF
J1
RFIN1
J2
RFIN2
R2
OPT
R1
OPT
C10
OPT
C7
0.1µF
C2
100pF
C1
0.1µF
VCC1
2.7V TO 6V
VOUT1
VOS1
LTC5533
VCC2
2.7V TO 6V
VOUT2
VOS2
SHDN2
5533 BD
SHDN1
Demo Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com