Electronic Components Datasheet Search
  English  ▼

X  

BSW68 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSW68
Description  NPN switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSW68 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSW68 Datasheet HTML 1Page - NXP Semiconductors BSW68 Datasheet HTML 2Page - NXP Semiconductors BSW68 Datasheet HTML 3Page - NXP Semiconductors BSW68 Datasheet HTML 4Page - NXP Semiconductors BSW68 Datasheet HTML 5Page - NXP Semiconductors BSW68 Datasheet HTML 6Page - NXP Semiconductors BSW68 Datasheet HTML 7Page - NXP Semiconductors BSW68 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 May 05
5
Philips Semiconductors
Product specification
NPN switching transistors
BSW66A; BSW67A; BSW68A
PACKAGE OUTLINE
UNIT
a
b
D
D1
jk
L
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
6.60
6.35
0.48
0.41
9.39
9.08
8.33
8.18
0.85
0.75
0.95
0.75
14.2
12.7
α
0.2
45
°
DIMENSIONS (mm are the original dimensions)
SOT5/11
TO-39
97-04-11
k
j
D
A
L
seating plane
b
D1
0
5
10 mm
scale
A
5.08
Metal-can cylindrical single-ended package; 3 leads
SOT5/11
A
w
A
M
M
B M
α
B
a
1
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com