Electronic Components Datasheet Search
  English  ▼

X  

SCF5744 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SCF5744
Description  0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCF5744 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SCF5744 Datasheet HTML 1Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 2Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 3Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 4Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 5Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 6Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 7Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 8Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2–200
FEATURES
• Four 0.270” (6.85 mm) 5 x 7 Dot Matrix Characters
in Red, High Efficiency Red, High Efficiency Green
• Optimum Display Surface Efficiency (display area
to package ratio)
• High Speed Data Input Rate: 5 MHz
• ROMless Serial Input, Dot Addressable Display
Ideal for User Defined Characters
• Built-in Decoders, Multiplexers and LED Drivers
• Readable from 6 Feet (1.8 meters)
• Wide Viewing Angle, X Axis ±55°, Y Axis ±55°
• Attributes
– 140 Bit RAM for User Defined Characters
– Eight Dimming Levels
– Power Down Model (<250
µW)
– Hardware/Software Clear Functions
– Internal or External Clock
DESCRIPTION
The SCF574X is a four digit, dot addressable 5x7 dot matrix,
serial input, alphanumeric Intelligent Display. The four digits are
packaged in a rugged, high quality, optically transparent, plastic
22 pin DIP with 0.1” pin spacing.
The on-board CMOS has a 140 bit RAM, one bit associated with
one LED, each to generate User Defined Characters. In Power
Down Mode, quiescent current is <50
µA.
The SCF574X is designed for work with the serial port of most
common microprocessors. Data is transferred into the display
through the Serial Data Input (DATA), clocked by the Serial Data
Clock (SDCLK), and enabled by the Load Input (LOAD).
The Clock I/O (CLK I/O) and Clock Select (CLK SEL) pins offer
the user the capability to supply a high speed external multiplex
clock. This feature can minimize audio in-band interference for
portable communication equipment or eliminate the visual
sychronization effects found in high vibration environments such
as avionic equipment.
Package Dimensions in Inches (mm)
SCF574X
SIEMENS
YYWW
Z
.270
(6.86)
.157 –.007
(3.99 –.18)
.325
(8.26)
.175
(4.45)
.790 –.010
(20.07 –.25)
1.300 max.
(33.02)
.145 –.015
(3.68 –.38)
.100 –.015
(2.54 –.38)
.276 max.
(7.0) max.
.160 –.020
(4.06) –.51)
.018 X .012
(.46 X .30)
(Leads 22 plcs.)
.600 –.020
(15.25 –.51)
Pin 1
Indicator
Luminous Intensity Code
EIA Date Code
STANDARD RED
SCF5740
HIGH EFFICIENCY RED
SCF5742
HIGH EFFICIENCY GREEN
SCF5744
0.270” 4-Character, 5x7 Dot Matrix
Serial Input Dot Addressable Intelligent Display
™


Similar Part No. - SCF5744

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCF5000 SEMTECH-SCF5000 Datasheet
105Kb / 3P
FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
Freescale Semiconductor...
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
Integrated ColdFire Microprocessor
SCF5249LAG120 FREESCALE-SCF5249LAG120 Datasheet
924Kb / 56P
Integrated ColdFire Microprocessor
SCF5249LPV120 FREESCALE-SCF5249LPV120 Datasheet
924Kb / 56P
Integrated ColdFire Microprocessor
SCF5249VF140 FREESCALE-SCF5249VF140 Datasheet
924Kb / 56P
Integrated ColdFire Microprocessor
More results

Similar Description - SCF5744

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLO4135 SIEMENS-DLO4135 Datasheet
167Kb / 4P
43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com