Electronic Components Datasheet Search
  English  ▼

X  

SCF5744 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SCF5744
Description  0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCF5744 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SCF5744 Datasheet HTML 1Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 2Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 3Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 4Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 5Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 6Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 7Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 8Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2–202
SCF5740/2/4
Electrical Characteristics (over Operating Temperature)
Notes
1.
Peak current 5/3 x ICC.
2.
Unused inputs must be tied high.
3.
Contact Siemens for 3.3 volt operation.
4.
External oscillator must be stopped if being used to maintain an ICC <50µA.
Input/Output Circuits
Figures 3 and 4 show the input and output resistor/diode
networks used for ESD protection and to eliminate substrate
latch-up caused by input voltage over/under shoot.
Figures 3 and 4.
Parameter
Min.
Typ.
Max.
Units
Conditions
VCC
4.5
5.0
5.5
V
ICC (Pwr Dwn Mode)
(4)
50
µAV
CC=5 V, all inputs=0 V or VCC
ICC 4 digits
20 dots/character
150
186
mA
VCC=5 V, “#” displayed in all 4 digits at 100%
brightness at 25
°C
IIL Input current
–10
µAV
CC=5 V, VIN=0 V (all inputs)
IIH Input current
+10
µAV
CC=VIN=5.0 V=0 V (all inputs)
VIH
3.5
V
VCC=4.5 V to 5.5 V
VIL
1.5
V
VCC=4.5 V to 5.5 V
IOH (CLK I/O)
–28
mA
VCC=4.5 V, VOH=2.4 V
IOL (CLK I/O)
23
mA
VCC=4.5 V, VOL=0.4 V
θ
JC-PIN
32
°C/W
Fext External Clock
Input Frequency
120
347
KHz
VCC=5.0 V, CLKSEL=0
Fosc Internal Clock
Input Frequency
120
347
KHz
VCC=5.0 V, CLKSEL=1
Clock I/O Bus Loading
240
pF
Clock Out Rise Time
500
ns
VCC=4.5 V, VOH=2.4 V
Clock Out Fall Time
500
ns
VCC=4.5 V, VOH=0.4 V
FM, Digit
375
768
1086
Hz
VCC
1 K
Ω
GND
input
VCC
1 K
Ω
GND
input/output
Inputs
Clock I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com