Electronic Components Datasheet Search
  English  ▼

X  

CDB5513 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB5513
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5513 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB5513 Datasheet HTML 6Page - Cirrus Logic CDB5513 Datasheet HTML 7Page - Cirrus Logic CDB5513 Datasheet HTML 8Page - Cirrus Logic CDB5513 Datasheet HTML 9Page - Cirrus Logic CDB5513 Datasheet HTML 10Page - Cirrus Logic CDB5513 Datasheet HTML 11Page - Cirrus Logic CDB5513 Datasheet HTML 12Page - Cirrus Logic CDB5513 Datasheet HTML 13Page - Cirrus Logic CDB5513 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CDB5510/11/12/13
10
DS337DB2
S/D: Indicator for the Signal-to-Distortion Ratio, in
dB. This is the ratio of the signal magnitude to the
magnitude of the first four harmonics.
S/N+D: Indicator for the Signal-to-Noise + Distor-
tion Ratio in dB. This is the ratio of the signal mag-
nitude to the magnitude of the first four harmonics
and the noise.
SNR: Indicator for the Signal-to-Noise Ratio in
dB. This is the ratio of the signal magnitude to the
magnitude of the noise (an average noise value is
included in place of the first four harmonics).
S/PN: Indicator for the Signal-to-Peak Noise Ratio
in dB. This is the ratio of the signal magnitude to
the magnitude of the highest noise component not
included in the harmonics of the signal.
#of AVG: Displays the number of FFT’s averaged
in the current display.
2.3.3 Time Domain Plots
The following indicators are associated with Time
Domain analysis (Figure 5).
COUNT: Displays current x-position of the cursor
on the time domain display. This represents the po-
sition of the code within the collected sample set.
MAGNITUDE: Displays current y-position of the
cursor on the time domain display. This represents
the actual code from the converter.
MAXIMUM: Indicator for the maximum value of
the collected data set.
MINIMUM: Indicator for the minimum value of
the collected data set.
Figure 1. Title Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com