Electronic Components Datasheet Search
  English  ▼

X  

CDB5513 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CDB5513
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5513 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CDB5513 Datasheet HTML 11Page - Cirrus Logic CDB5513 Datasheet HTML 12Page - Cirrus Logic CDB5513 Datasheet HTML 13Page - Cirrus Logic CDB5513 Datasheet HTML 14Page - Cirrus Logic CDB5513 Datasheet HTML 15Page - Cirrus Logic CDB5513 Datasheet HTML 16Page - Cirrus Logic CDB5513 Datasheet HTML 17Page - Cirrus Logic CDB5513 Datasheet HTML 18Page - Cirrus Logic CDB5513 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
/CS
V+
R12
10 K
301
R1
1
2
J1
AMPOUT+
6
5
4
3
2
1
HDR3
TE MP
HTR
TR IM
OUT
IN
6
5
7
3
4
2
LT1019CN8_2P5
U4
HD R4
6
5
4
3
2
1
HDR5
V-
AMPOUT-
2
1
J3
V-
R4
301
R1 1
10 K
V-
V+
V-
301
R5
C25
47 00 PF
AGND
VREF
V-
AIN+
AIN-
V+
V-
SC LK
SDO
C22
.1UF
C21
.1 UF
C19
.1 UF
.68UF
C9
C10
.68UF
VREF
AIN+
AIN-
/CS
SDO
V-
V+
SCL K
8
7
6
5
4
3
2
1
CS5510-AS
U6
R2 3
10
6
4
2
5
3
1
AG ND
6
5
4
3
2
1
HD R6
SCLK
SDO
/C S
Figure 8. CDB5510 Reference and ADC Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com