Electronic Components Datasheet Search
  English  ▼

X  

CDB8420 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB8420
Description  Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8420 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB8420 Datasheet HTML 1Page - Cirrus Logic CDB8420 Datasheet HTML 2Page - Cirrus Logic CDB8420 Datasheet HTML 3Page - Cirrus Logic CDB8420 Datasheet HTML 4Page - Cirrus Logic CDB8420 Datasheet HTML 5Page - Cirrus Logic CDB8420 Datasheet HTML 6Page - Cirrus Logic CDB8420 Datasheet HTML 7Page - Cirrus Logic CDB8420 Datasheet HTML 8Page - Cirrus Logic CDB8420 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CDB8420
DS245DB4
3
1.
OVERVIEW
The CDB8420 evaluation board contains a CS8420
and the supporting circuitry necessary for it to op-
erate. The input and output options include AES3
and S/PDIF in optical and coaxial formats. In soft-
ware mode, the control registers of the CS8420 are
set by an Atmel AVR RISC micro-controller. A
Windows 98 based program communicates with
the micro through an RS232 port to control the con-
figuration.
1.1
CS8420
The features and functions of the CS8420 are de-
scribed in its data sheet.
1.2
Micro-Controller and Memory
The functions of the board are controlled by an At-
mel AVR RISC micro-controller. The board is
equipped with 512 kilobytes of static RAM so that
Channel Status and User bits from the AES stream
may be captured and uploaded to the host PC. The
micro-controller communicates with the CS8420
through its SPI port. The Atmel AVR RISC micro-
controller may be bypassed in order to utilize an
external micro-controller through header J10. Ad-
ditional software development tools and applica-
tions information for the Atmel micro-controller
are available at http://www.atmel.com.
1.3
Crystal Oscillators
There are two crystal oscillators on the board, both
are mounted in pin sockets that allow them to be re-
placed. The oscillator labeled U10 provides the 6
MHz clock for the micro-controller and should not
be changed.
U3 is the oscillator that provides the Output Master
Clock for the CS8420. The board is shipped with a
12.288 MHz crystal oscillator stuffed at U3 which
sets the output sampling rate to 48 kHz.
Oscillators are also provided for the frequencies of
11.2896 and 24.576 MHz. These allow the SRC to
be operated at output sampling frequencies of 44.1
and 96 kHz.
1.4
RS232 Port
The RS232 port on the upper right hand side of the
board should be connected to the serial port of the
PC running the CDB8420 control software. Follow
the software instructions to properly configure the
serial port for use with the evaluation board.
1.5
LED Function Indicators
LEDs D8 and D9 on the upper right hand corner of
the board allow the user to determine when data is
being transmitted over the RS232 link. The red
LED D4 is the reset indicator and the red LED D1
is connected to the RERR pin of the CS8420. The
two remaining LEDs on the board are not currently
of use to the end user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com