Electronic Components Datasheet Search
  English  ▼

X  

CDB8420 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB8420
Description  Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8420 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB8420 Datasheet HTML 1Page - Cirrus Logic CDB8420 Datasheet HTML 2Page - Cirrus Logic CDB8420 Datasheet HTML 3Page - Cirrus Logic CDB8420 Datasheet HTML 4Page - Cirrus Logic CDB8420 Datasheet HTML 5Page - Cirrus Logic CDB8420 Datasheet HTML 6Page - Cirrus Logic CDB8420 Datasheet HTML 7Page - Cirrus Logic CDB8420 Datasheet HTML 8Page - Cirrus Logic CDB8420 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CDB8420
4
DS245DB4
CONNECTOR
INPUT/OUTPUT
SIGNAL PRESENT
+5V
Input
+5 Volt power
GND
Input
Ground connection from power supply
OPTICAL INPUT
Input
Digital Audio Interface optical input
S/PDIF INPUT
Input
Digital Audio Interface coaxial input
AES3 INPUT
Input
Digital Audio Interface XLR input
RS232
Input/Output
Parallel RS232 port for connection to serial port of PC
OPTICAL OUTPUT
Output
Digital Audio Interface optical output (always active)
S/PDIF OUTPUT
Output
Digital Audio Interface coaxial output
AES3 OUTPUT
Output
Digital Audio Interface XLR output
J5
Input/Output
I/O for RMCLK, ISCLK,ILRCK, and SDIN
J6
Input/Output
I/O for OLRCK, OSCLK, OMCK, and SDOUT
J9
Input
10-pin header for external programming of Atmel AVR
µC
J10
Input/Output
12-pin header for CS8420 control by external
µC
Table 1. System Connections
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
J11
Selects physical format of digital
audio interface input
AES3 & S/PDIF
OPTICAL
Specifies input as either AES3 or S/PDIF type
Specifies input as OPTICAL type
J12
Enables AES3 INPUT
ENABLE
DISABLE
AES3 INPUT enabled
AES3 INPUT disabled
J13
Enables S/PDIF INPUT
ENABLE
DISABLE
S/PDIF INPUT enabled
S/PDIF INPUT disabled
J14
Enables OPTICAL INPUT
ENABLE
DISABLE
OPTICAL INPUT enabled
OPTICAL INPUT disabled
J16
Selects physical format of digital
audio interface output
AES3
S/PDIF
Specifies output as AES3 XLR
Specifies output as coaxial S/PDIF
J17
Enables S/PDFIF OUTPUT
ENABLE
DISABLE
S/PDIF OUTPUT enabled
S/PDIF OUTPUT disabled
J15
Enables HARDWARE MODE MUTE
ENABLE
DISABLE
Enables MUTE when in hardware mode 1
Disables MUTE when in hardware mode 1
Table 2. CDB8420 Jumper Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com