Electronic Components Datasheet Search
  English  ▼

X  

CS4350 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic CS4350 Datasheet HTML 16Page - Cirrus Logic CS4350 Datasheet HTML 17Page - Cirrus Logic CS4350 Datasheet HTML 18Page - Cirrus Logic CS4350 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
DS691A3
15
CS4350
DIGITAL CHARACTERISTICS
POWER AND THERMAL CHARACTERISTICS
Notes:
13. Current consumption increases with increasing Fs within the range of a speed mode. Typ and Max values are
based on highest FS within a speed mode. Variance between speed modes is small.
14. ILS measured with no external loading on pin 7 (RMCK).
15. ILC measured with no external loading on pin 2 (SDA).
16. Power-down mode is defined as RES pin = Low with all clock and data lines held static.
17. Valid with the recommended capacitor values on VFILT, VQ, and VBIAS as shown in the typical connection dia-
gram in Figure 7.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VLC or VLS = 5.0 V
VIH
0.7•VL
--
V
VLC or VLS = 3.3 V
VIH
2.0
-
-
V
VLS = 2.5 V
VIH
1.7
-
-
V
VLS = 1.8 V
VIH
0.65•VL
--
V
High-Level Input Voltage
VLC or VLS = 5.0 V
VIL
-
-
0.35•VL
V
VLC or VLS = 3.3 V
VIL
--
0.8
V
VLS = 2.5 V
VIL
--
0.7
V
VLS = 1.8 V
VIL
-
-
0.35•VL
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
High Level Output Voltage (RMCK) IO = 2 mA (VLS
≥ 3.0V)
VOH
VLS-1.0
-
-
V
Low Level Output Voltage (RMCK) IO = -2 mA (VLS
≥ 3.0V)
VOL
--
0.4
V
RMCK Output Load Drive
-
-
10
pF
Maximum MUTEC Drive Current
-
2
-
mA
MUTEC High-Level Output Voltage
VOH
-VA-
V
MUTEC Low-Level Output Voltage
VOL
-0-
V
Parameters
Symbol
Min
Typ
Max
Units
Power Supply Current - Normal Operation (Note 13)
VA= 5.0 V
IA
-14
18
mA
VA= 3.3 V
IA
-11
14
mA
VLS = VLC =5.0 V (Note 14)
ILS
-0.1
1
mA
VLS = VLC =3.3 V (Note 14)
ILS
-0.1
1
mA
VLS = VLC = 5.0 V (Note 15)
ILC
-6
9
mA
VLS = VLC = 3.3 V (Note 15)
ILC
-4
7
mA
Power Supply Current - Power-Down State (Note 16)
VA, VLS, VLC
Ipd
-
100
-
µA
Power Dissipation - Normal Operation (Note 13)
VA = VLC= VLS = 5.0 V
-
100
140
mW
VA = VLC= VLS = 3.3 V
-
50
75
mW
Power Dissipation - Power-Down State (Note 16)
VA = VLC= VLS = 5.0 V
-
1
-
mW
VA = VLC= VLS = 3.3 V
-
1
-
mW
Power Supply Rejection Ratio (Note 17)
(1 kHz)
PSRR
60
-
dB
(60 Hz)
PSRR
60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com