Electronic Components Datasheet Search
  English  ▼

X  

CS4350 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic CS4350 Datasheet HTML 16Page - Cirrus Logic CS4350 Datasheet HTML 17Page - Cirrus Logic CS4350 Datasheet HTML 18Page - Cirrus Logic CS4350 Datasheet HTML 19Page - Cirrus Logic CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
DS691A3
CS4350
4.3
Digital Interface Format
The device will accept audio samples in 1 of 8 digital interface formats, as shown in Table 3 on page 23 for
Stand-Alone Mode and Table 4 on page 28 for Control Port Mode.
The desired serial audio interface format is selected via the DIF[2:0] bits in Control Port Mode (see
Section 8.2.1), or the DIF[2:0] pins in Stand-Alone Mode (see Section 5.1). For illustrations of the required
relationship between LRCK, SCLK and SDIN, see Figures 8-10. For all formats, SDIN is valid on the rising
edge of SCLK.
For more information about serial audio formats, refer to the Cirrus Logic Application Note AN282,
The 2-Channel Serial Audio Interface: A Tutorial
, available at www.cirrus.com.
+3
+2
+1
+5
+4
MSB
-1
-2
-3
-4
-5
+3
+2
+1
+5
+4
-1
-2
-3
-4
LSB
MSB
LSB
Left Channel
Right Channel
LRCK
SCLK
SDIN
Figure 8. Left-Justified up to 24-Bit Data
+3
+2
+1
+5
+4
MSB
-1
-2
-3
-4
-5
+3
+2
+1
+5
+4
-1
-2
-3
-4
MSB
LSB
LSB
Left Channel
Right Channel
LRCK
SCLK
SDIN
Figure 9. I²S, up to 24-Bit Data
SDIN
+6
+5
+4
+3
+2
+1
+7
-1
-2
-3
-4
-5
LSB
LSB
MSB
-1
-2
-3
-4
-5
LSB
+6
+5
+4
+3
+2
+1
+7
MSB
Left Channel
Right Channel
LRCK
SCLK
Figure 10. Right-Justified Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com