Electronic Components Datasheet Search
  English  ▼

X  

GP2S60 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S60
Description  Subminiature, Reflective Type Photointerrupter for Automatic Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S60 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S60 Datasheet HTML 1Page - Sharp Corporation GP2S60 Datasheet HTML 2Page - Sharp Corporation GP2S60 Datasheet HTML 3Page - Sharp Corporation GP2S60 Datasheet HTML 4Page - Sharp Corporation GP2S60 Datasheet HTML 5Page - Sharp Corporation GP2S60 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GP2S60
GP2S60
I Absolute Maximum Ratings
I Outline Dimensions
(Unit : mm)
Detector center
Emitter center
(0.7)
(0.7)
2.7
3.2
(1.8)
2
−1
1
1
4
2
3
3
2
4
3
1
4
2
Anode
Collector
Emitter
Cathode
Plating area
Pattern wiring is not allowed on
portion not to cause
short-circuit.
Internal connection diagram
❈ Unspecified tolerance : ±0.15mm
❈ ( ) : Reference dimensions
❈ Tolerance : ±0.1mm
2
−1
2
−1.7
Recommended pattern
Parameter
Symbol
Rating
Unit
Forward current
50
mA
6
V
75
75
mW
mW
100
mW
35
6
V
V
20
mA
−25 to +85
˚C
Storage temperature
−40 to +100
˚C
260
˚C
Operating temperature
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
IF
VR
PD
VCEO
VECO
IC
PC
Tstg
Topr
Ptot
(Ta
=25˚C)
Soldering temperature
Tsol
*
*For MAX. 5s
Total power dissipation
1. Audio equipment
2. VCR
3. Camcoders
4. Printers
5. CD-ROM drives
I Features
I Applications
Subminiature, Reflective Type
Photointerrupter for Automatic
Mounting
1. Subminiature, leadless type. (Dimensions : 3.2
×1.7×1.1mm)
2. Soldering reflow.
(Peak temperature : 240˚C, 10s or less)
3. Taped model. (2 000 pcs/reel)
4. Visible light cut-off type.
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - GP2S60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
More results

Similar Description - GP2S60

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
Subminiature Photointerrupter
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
Subminiature, Reflow Soldering Type Photointerrupter
GP1S092HCPI SHARP-GP1S092HCPI Datasheet
59Kb / 5P
Subminiature, Surface Mount Type Photointerrupter
logo
KODENSHI_AUK CORP.
KIR1004S KODENSHI-KIR1004S Datasheet
141Kb / 2P
Photointerrupter(Reflective)
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
Light Modulation, Reflective Type Photointerrupter
logo
Unity Opto Technology
MIR-3307-TC11 UOT-MIR-3307-TC11 Datasheet
230Kb / 9P
SMD Type Reflective Photo Sensor Subminiature Photointerrupter
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
SMD Type Reflective Photo Sensor Subminiature Photointerrupter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com