Electronic Components Datasheet Search
  English  ▼

X  

GP2S60 Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2S60
Description  Subminiature, Reflective Type Photointerrupter for Automatic Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S60 Datasheet(HTML) 5 Page - Sharp Corporation

  GP2S60 Datasheet HTML 1Page - Sharp Corporation GP2S60 Datasheet HTML 2Page - Sharp Corporation GP2S60 Datasheet HTML 3Page - Sharp Corporation GP2S60 Datasheet HTML 4Page - Sharp Corporation GP2S60 Datasheet HTML 5Page - Sharp Corporation GP2S60 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GP2S60
Fig.13 Relative Collector Current vs.OMS
Card Moving Distance
Fig.14 Relative Collector Current vs.OMS
Card Moving Distance
20
40
60
80
100
6
4
2
03
5
1
−3
−1
−2
OMS card moving distance (mm)
VCE
=2V
IF
=4mA
d
=1mm
1mm
d
0
OMS test card
Sensor +−
Fig.15 Reflow Soldering
Max.120s
Max.90s
Max.60s
Max.10s
Max. 165
°C
Only one time soldering is available within the temperature profile
shown below.
200
°C
25
°C
Max. 240
°C
1 to 4˚C/s
1 to 4˚C/s
1 to 4˚C/s
Sensor
20
40
60
80
100
6
4
2
03
5
1
−3
−1
−2
OMS card moving distance (mm)
VCE
=2V
IF
=4mA
d
=1mm
1mm
d
0
OMS test card
+−
I Other Precautions
An infrared lamp used to heat up for soldering may cause a localized temperature rise in the resin. So keep the package
temperature within that specified in Item 1. Also avoid immersing the resin part in the solder. Even if within the temperature
profile above, there is the possibility that the gold wire in package is broken in case that the deformation of PCW gives the
affection to lead pins. Please use after confirmation the conditions fully by actual solder reflow machine.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com