Electronic Components Datasheet Search
  English  ▼

X  

BT136F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT136F
Description  Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136F Datasheet(HTML) 1 Page - NXP Semiconductors

  BT136F Datasheet HTML 1Page - NXP Semiconductors BT136F Datasheet HTML 2Page - NXP Semiconductors BT136F Datasheet HTML 3Page - NXP Semiconductors BT136F Datasheet HTML 4Page - NXP Semiconductors BT136F Datasheet HTML 5Page - NXP Semiconductors BT136F Datasheet HTML 6Page - NXP Semiconductors BT136F Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Triacs
BT136F series
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated triacs in a full pack
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
plastic envelope, intended for use in
applications
requiring
high
BT136F-
500
600
800
bidirectional transient and blocking
BT136F-
500F
600F
800F
voltage capability and high thermal
BT136F-
500G
600G
800G
cycling
performance.
Typical
V
DRM
Repetitive peak off-state
500
600
800
V
applications include motor control,
voltages
industrial
and
domestic
lighting,
I
T(RMS)
RMS on-state current
4
4
4
A
heating and static switching.
I
TSM
Non-repetitive peak on-state
25
25
25
A
current
PINNING - SOT186
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
case
isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
-800
V
DRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave; T
hs ≤ 92 ˚C
-
4
A
I
TSM
Non-repetitive peak
full sine wave; T
j = 125 ˚C prior
on-state current
to surge; with reapplied V
DRM(max)
t = 20 ms
-
25
A
t = 16.7 ms
-
27
A
I
2tI2t for fusing
t = 10 ms
-
3.1
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 6 A; IG = 0.2 A;
on-state current after
dI
G/dt = 0.2 A/µs
triggering
T2+ G+
-
50
A/
µs
T2+ G-
-
50
A/
µs
T2- G-
-
50
A/
µs
T2- G+
-
10
A/
µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
case
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 3 A/
µs.
February 1996
1
Rev 1.100


Similar Part No. - BT136F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BT136F CDIL-BT136F Datasheet
76Kb / 2P
Triac Series
logo
Teccor Electronics
BT136F-500 TECCOR-BT136F-500 Datasheet
2Mb / 223P
Thyristor Product Catalog
BT136F-500D TECCOR-BT136F-500D Datasheet
2Mb / 223P
Thyristor Product Catalog
BT136F-500E TECCOR-BT136F-500E Datasheet
2Mb / 223P
Thyristor Product Catalog
BT136F-500F TECCOR-BT136F-500F Datasheet
2Mb / 223P
Thyristor Product Catalog
More results

Similar Description - BT136F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com