Electronic Components Datasheet Search
  English  ▼

X  

MPC106 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC106
Description  PCI Bridge/Memory Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC106 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC106 Datasheet HTML 1Page - Motorola, Inc MPC106 Datasheet HTML 2Page - Motorola, Inc MPC106 Datasheet HTML 3Page - Motorola, Inc MPC106 Datasheet HTML 4Page - Motorola, Inc MPC106 Datasheet HTML 5Page - Motorola, Inc MPC106 Datasheet HTML 6Page - Motorola, Inc MPC106 Datasheet HTML 7Page - Motorola, Inc MPC106 Datasheet HTML 8Page - Motorola, Inc MPC106 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MPC106 PCI Bridge/Memory Controller Hardware Specifications
5
General Parameters
1.3 General Parameters
The following list provides a summary of the general parameters of the 106:
Technology
0.5 µm CMOS, four-layer metal
Die size
5.8 mm x 7.2 mm (41.8 mm2)
Transistor count
250,000
Logic design
Fully-static
Packages
Surface mount 304-lead C4 ceramic ball grid array (CBGA)
Power supply
3.3 V ± 5% V DC
Maximum input rating
5.0 V ± 10% V DC
1.4 Electrical and Thermal Characteristics
This section provides both the AC and DC electrical specifications and thermal characteristics for the 106.
1.4.1 DC Electrical Characteristics
The tables in this section describe the 106 DC electrical characteristics. Table 1 provides the absolute
maximum ratings. Functional and tested operating conditions are given in Table 2. Absolute maximum
ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses
beyond those listed may affect device reliability or cause it permanent damage.
Table 2 provides the recommended operating conditions for the 106. Proper device operation outside of
these recommended and tested conditions is not guaranteed.
Table 1. Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Notes
Supply voltage
Vdd
–0.3 to 3.6
V
—
PLL supply voltage
AVdd
–0.3 to 3.6
V
—
Input voltage
Vin
–0.3 to 5.5
V
1
Junction temperature
Tj
0 to 105
°C
2
Storage temperature range
Tstg
–55 to 150
°C
—
Notes:
1 Caution: Vin must not exceed Vdd by more than 2.5 V at all times including during power-on reset.
2 The extended temperature parts have die junction temperature of -40 to 105°C. See MPC106ARXTGPNS/D for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com