Electronic Components Datasheet Search
  English  ▼

X  

MPC106 Datasheet(PDF) 22 Page - Motorola, Inc

Part # MPC106
Description  PCI Bridge/Memory Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC106 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MPC106 Datasheet HTML 18Page - Motorola, Inc MPC106 Datasheet HTML 19Page - Motorola, Inc MPC106 Datasheet HTML 20Page - Motorola, Inc MPC106 Datasheet HTML 21Page - Motorola, Inc MPC106 Datasheet HTML 22Page - Motorola, Inc MPC106 Datasheet HTML 23Page - Motorola, Inc MPC106 Datasheet HTML 24Page - Motorola, Inc MPC106 Datasheet HTML 25Page - Motorola, Inc MPC106 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
MPC106 PCI Bridge/Memory Controller Hardware Specifications
System Design Information
1.8 System Design Information
This section provides electrical and thermal design recommendations for successful application of the 106.
1.8.1 PLL Configuration
The 106 requires a single system clock input, SYSCLK. The SYSCLK frequency dictates the frequency of
operation for the PCI bus. An internal PLL on the MPC106 generates a master clock that is used for all of
the internal (core) logic. The master clock provides the core frequency reference and is phase-locked to the
SYSCLK input. The 60x processor, L2 cache, and memory interfaces operate at the core frequency. In the
5:2 clock mode (Rev. 4.0 only), the MPC106 needs to sample the 60x bus clock (on the LBCLAIM
configuration input) to resolve clock phasing with the PCI bus clock (SYSCLK).
The PLL is configured by the PLL[0–3] signals. For a given SYSCLK (PCI bus) frequency, the clock mode
configuration signals (PLL[0–3]) set the core frequency (and the frequency of the VCO controlling the
PLL lock). The supported core and VCO frequencies and the corresponding PLL[0–3] settings are
provided in Table 11.
Table 11. PLL Configuration
PLL[0–3]1
Core/SYSCL
K Ratio
VCO
Multiplier
Core Frequency (VCO Frequency) in MHz
PCI Bus
16.6 MHz
PCI Bus
20 MHz
PCI Bus
25 MHz
PCI Bus
33.3 MHz
0001
1:1
x4
—
—
—
33.3 (133)
0100
2:1
x2
—
—
—
66.6 (133)
0101
2:1
x4
33.3 (133)
40 (160)
50 (200)
—
0110
5:2 2
x2
—
—
—
83.3 (166)
0111
5:2 2
x4
41.6 (166)
—
—
—
1000
3:1
x2
—
60(120)
75 (150)
—
0011
PLL-bypass 3
PLL off
SYSCLK clocks core circuitry directly
1x core/SYSCLK ratio implied
1111
Clock off 4
PLL off
no core clocking occurs
Notes:
1 PLL[0–3] settings not listed are reserved. Some PLL configurations may select bus, CPU, or VCO frequencies
which are not useful, not supported, or not tested. See Section 1.4.2.1, “Clock AC Specifications,” for valid
SYSCLK and VCO frequencies.
2 5:2 clock modes are only supported by MPC106 Rev 4.0; earlier revisions do not support 5:2 clock modes.
The 5:2 modes require a 60x bus clock applied to the 60x clock phase (LBCLAIM) configuration input signal
during power-on reset, hard reset, and coming out of sleep and suspend power-saving modes.
3 In PLL-bypass mode, the SYSCLK input signal clocks the internal circuitry directly, the PLL is disabled, and
the core/SYSCLK ratio is set for 1:1 mode operation. This mode is intended for factory use and third-party tool
vendors only. Note also: The AC timing specifications given in this document do not apply in PLL-bypass
mode.
4 In clock-off mode, no clocking occurs inside the MPC106 regardless of the SYSCLK input.
5 PLL[0-3] = 0010 (2:1 Core/SYSCLK Ratio; X8 VCO multiplier) exists on the chip but will fail to lock 50% of the
time. Therefore, this configuration should not be used and 1:1 modes between 16-25MHz are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com