Electronic Components Datasheet Search
  English  ▼

X  

FS8855-18CE Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS8855-18CE
Description  500mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-18CE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS8855-18CE Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
5/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
E
Elleeccttrriiccaall C
Ch
haarraacctteerriissttiiccss
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
9.0
V
VIN=VOUT+0.8V, IOUT=1mA, VIN≦7V
VOUT-
0.035
VOUT
VOUT+
0.035
V
VOUT
Output Voltage
VIN=VOUT+0.8V, IOUT=1mA, 7V<VIN
≦
9V
VOUT-
0.042
VOUT
VOUT+
0.042
V
VIN>VOUT+0.8V, VIN≦7V
-35
+35
mV
∆ VOUT
Output Voltage Accuracy
VIN>VOUT+0.8V, 7V<VIN≦9V
-42
+42
mV
IMAX
Maximum Load Current
500
mA
ILIMIT
Current Limit
0.8
A
ISC
Short-Circuit Current
VOUT=0V, VIN>VOUT+0.8V
350
400
mA
IQ
Ground Pin Current
ILOAD=0mA to 500mA, VIN=VOUT+0.8V
65
120
µA
IOUT=1mA
1
1.2
mV
IOUT=100mA
100
120
mV
VDROP
Dropout Voltage
IOUT=500mA
650
800
mV
∆VLINE
Line Regulation
VOUT+0.8V<VIN<9V, ILOAD=1mA
0.2
0.3
%/V
∆VLOAD
Load Regulation
IOUT=0mA to 500mA
0.01
0.02
%/mA
eN
Output Noise
F=1Hz to 10KHz, COUT=3.3µF
75
µVRMS
PSRR
Ripple Rejection
F=10KHz, COUT=3.3µF
75
dB
TSD
Thermal Shutdown
Temperature
155
°C
THYS
Thermal Shutdown
Hysteresis
20
°C
SOT-223
155
°C/W
SOT-89
180
°C/W
θJA
Thermal Resistance
TO-92
180
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com