Electronic Components Datasheet Search
  English  ▼

X  

FS8855-18CE Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS8855-18CE
Description  500mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-18CE Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS8855-18CE Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
6/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall O
Op
peerraattiin
ngg C
Ch
haarraacctteerriissttiiccss
(CIN=1.0µF, COUT=3.3µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
012
34
56
789
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0
100
200
300
400
500
600
700
800
900
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
POWER SUPPLY REJECTION RATIO vs.
FREQUENCY
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
1020
3040
50
6070
80
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.80
0.90
1.00
1.10
1.20
1.30
1.40
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
GND PIN CURRENT vs. LOAD CURRENT
54
56
58
60
62
64
66
68
1
100
200
300
400
500
600
LOAD CURRENT (mA)
250mA
100mA
1mA
500mA
*EX:Model FS8855-33Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com