Electronic Components Datasheet Search
  English  ▼

X  

LT1055MH Datasheet(PDF) 11 Page - Linear Technology

Part # LT1055MH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055MH Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1055MH Datasheet HTML 4Page - Linear Technology LT1055MH Datasheet HTML 5Page - Linear Technology LT1055MH Datasheet HTML 6Page - Linear Technology LT1055MH Datasheet HTML 7Page - Linear Technology LT1055MH Datasheet HTML 8Page - Linear Technology LT1055MH Datasheet HTML 9Page - Linear Technology LT1055MH Datasheet HTML 10Page - Linear Technology LT1055MH Datasheet HTML 11Page - Linear Technology LT1055MH Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1055/LT1056
TYPICAL APPLICATIONS
100kHz Voltage Controlled Oscillator
–
+
15V
–15V
7
4
3
2
6
LT1056
OUTPUT
0V TO 10V
CF = 15pF TO 33pF
SETTLING TIME TO 2mV
(0.8 LSB) = 1.5µs TO 2µs
0 TO 2
OR 4mA
12-BIT CURRENT OUTPUT D/A
CONVERTER (e.g., 6012,565
OR DAC-80)
CF
LT1055/56 TA09
12-Bit Voltage Output D/A Converter
10k
10k
100pF
LT1055/56 TA10
–
+
7
4
3
2
6
LT1055
10k
INPUT
1N965
1µF
510
Ω
330
Ω
125V
2N5415
50k
50k
1M
1M
1N4148
1N4148
2N2222
2N2907
1k
1k
2N3440
27
Ω
27
Ω
OUTPUT
2N5415
2N3440
330
Ω
510
Ω
1N965
1µF
–125V
33pF
100k
10k
±25mA OUTPUT
HEAT SINK OUTPUT
TRANSISTORS
±120V Output Precision Op Amp
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
–
+
–
+
–
+
–
+
X1
X2
U1
U2
COM
VR
Y1
Y2
+V
CC
W
Z1
Z2
GT
UP
–V
+15V
SINE OUT
2VRMS
0kHs TO 100kHs
–15
AD639
2
3
15V
7
6
4
–15V
–15V
68k
68k
10k
4.5k
22.1k
1k
LT1056
FINE
DISTORTION
TRIMS
15V
15V
15V
15V
–15V
–15V
–15V
–15V
LT1055/56 TA08
50k
10Hz
DISTORTION
TRIM
22M
POLYSTYRENE
500pF
7
4
3
2
6
LT1056
22k
15pF
HP5082-
2810
3
2
10k*
10k
1k
4.7k
4.7k
*1% FILM RESISTOR
=1N4148
FREQUENCY LINEARITY = 0.1%
FREQUENCY STABILITY = 150ppm/°C
SETTLING TIME = 1.7µs
DISTORTION = 0.25% AT 100kHz,
0.07% AT 10zHz
1k
5k
FREQUENCY
TRIM
LT1011
8
7
1
4
LM329
0.01µF
2.5k*
10k*
5k*
2N4391
2N4391
2N4391
6
7
4
15V
–15V
LT1056
100kHz
DISTORTION
TRIM
2k
9.09k*
0V TO 10V
INPUT
2
3
10k
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com